Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7760IPWPR.B Datasheet(PDF) 16 Page - Texas Instruments

Part # DAC7760IPWPR.B
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR.B Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC7760IPWPR.B Datasheet HTML 12Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 13Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 14Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 15Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 16Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 17Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 18Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 19Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 69 page
background image
7.10 Typical Characteristics (continued)
at TA = 25°C (unless otherwise noted)
-0.04
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0.04
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
+10 V range
+5 V range
C003
AVDD = +24 V
AVSS = 0 V
Output unloaded
Figure 7-15. VOUT TUE vs Code (Unipolar Outputs)
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
“10 V range
“5 V range
+10 V range
+5 V range
C003
AVDD = +24 V
AVSS = -12 V
Output unloaded
Figure 7-16. VOUT TUE vs Code
0.000
0.003
0.006
0.009
0.012
0.015
0.018
0.021
0.024
0.027
0.030
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (0C)
+5 V range
“5 V range
+10 V range
“10 V range
C002
AVDD = +24 V
AVSS = -12 V
Output unloaded
Figure 7-17. VOUT TUE vs Temperature
-0.04
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0.04
10
11
12
13
14
15
16
17
18
AVDD/ |AVSS| (V)
C002
Max Total Unadjusted Error
Min Total Unadjusted Error
AVDD = |AVSS|
±10 V range
Output unloaded
Figure 7-18. VOUT TUE vs Supply
-0.010
-0.008
-0.006
-0.004
-0.002
0.000
0.002
0.004
0.006
0.008
0.010
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
C001
AVDD = +24 V
AVSS = 0 V
+5 V/ +10 V range
Output unloaded
Figure 7-19. VOUT INL vs Code (Unipolar Outputs)
-0.010
-0.008
-0.006
-0.004
-0.002
0.000
0.002
0.004
0.006
0.008
0.010
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
C001
AVDD = +24 V
AVSS = -12 V
Output unloaded
All VOUT ranges
Figure 7-20. VOUT INL vs Code
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com