Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7760IPWPR.B Datasheet(PDF) 38 Page - Texas Instruments

Part # DAC7760IPWPR.B
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR.B Datasheet(HTML) 38 Page - Texas Instruments

Back Button DAC7760IPWPR.B Datasheet HTML 34Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 35Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 36Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 37Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 38Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 39Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 40Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 41Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
8.4.2 Boost Configuration for IOUT
An external NPN transistor can be used as shown in Figure 8-6 to reduce power dissipation on the die. Most
of the load current flows through the NPN transistor with a small amount flowing through the on-chip PMOS
transistor based on the gain of the NPN transistor. This reduces the temperature induced drift on the die and
internal reference and is an option for use cases at the extreme end of the supply, load current, and ambient
temperature ranges. Resistor R2 stabilizes this circuit for cases where the RLOAD is a short or a very small
load like a multimeter. Recommended values for R1, R2 and C1 in this circuit are 1 kΩ, 20 Ω and 0.22 µF. An
equivalent solution is to place R2 (with a recommended value of 2 kΩ instead of the 20 Ω) in series with the base
of the transistor instead of the configuration shown in Figure 8-6. Note that there is some gain error introduced
by this configuration as seen in Figure 7-46 for the 0-mA to 24-mA range. TI recommends using the internal
transistor in most cases as the values in Section 7.5 are based on the configuration with the internal on-chip
PMOS transitor.
R1
R2
RLOAD
C1
DACx760
BOOST
IOUT
GND
Copyright © 2016, Texas Instruments Incorporated
Figure 8-6. Boost Mode Configuration
8.4.3 Filtering the Current Output (only on the VQFN package)
The VQFN package provides access to internal nodes of the circuit as shown in Figure 9-3. Capacitors can be
placed on these pins and AVDD to form a filter on the output current, reducing bandwidth and the slew rate of
the output. However, to achieve large reductions in slew rate, the programmable slew rate can be used to avoid
having to use large capacitors. Even in that case, the capacitors on CAP1 and CAP2 can be used to smooth
out the stairsteps caused by the digital code changes as shown in Figure 8-7. However, note that power supply
ripple also couples into the part through these capacitors.
1
4
7
10
13
16
19
22
25
Time (200 µs/div)
no cap
3 nF CAP1
3 nF CAP2
10 nF CAP1
10 nF CAP2
C001
T
A = 25ºC
AVDD = 24 V
R
LOAD = 250 Ÿ
Figure 8-7. IOUT vs Time for Different Capacitor Values on CAP1 and CAP2
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
www.ti.com
38
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com