Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7760IPWPR.B Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC7760IPWPR.B
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC7760IPWPR.B Datasheet HTML 7Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 8Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 9Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 10Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 11Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 12Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 13Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 14Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
7.6 Electrical Characteristics: AC
At AVDD = 10 V to 36 V, AVSS = –18 V to 0 V, AVDD + |AVSS| ≤ 36 V, GND = 0 V, REFIN = 5-V external; and DVDD = 4.5 V
to 5.5 V. For VOUT: RL = 2 kΩ, CL = 200 pF; for IOUT: RL = 300 Ω. All specifications –40°C to 125°C, unless otherwise noted.
Typical specifications are at 25°C.
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE
CURRENT OUTPUT
Output current settling time
16-mA step, to 0.1% FSR, no L (inductance)
10
µs
16-mA step, to 0.1% FSR, L < 1 mH
25
AC PSRR
200-mV, 50-Hz or 60-Hz sine wave
superimposed on power-supply voltage
–75
dB
VOLTAGE OUTPUT
Output voltage settling time
0 V to 10 V, to ±0.03% FSR
22
µs
0 V to 5 V, to ±0.03% FSR
13
Slew rate
0.5
V/µs
Power-on glitch energy
2.5
µV-s
Digital-to-analog glitch energy
0.4
µV-s
Glitch impulse peak amplitude
200
mV
Digital feedthrough
2
nV-s
Output noise (0.1-Hz to 10-Hz bandwidth)
0.1
LSBPP
1 / f corner frequency
100
Hz
Output noise spectral density
Measured at 10 kHz
180
nV/√ Hz
AC PSRR
200-mV, 50-Hz, or 60-Hz sine wave
superimposed on power-supply voltage
–75
dB
(1)
Specified by characterization, not production tested.
www.ti.com
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com