Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7760IPWPR.B Datasheet(PDF) 23 Page - Texas Instruments

Part # DAC7760IPWPR.B
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR.B Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC7760IPWPR.B Datasheet HTML 19Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 20Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 21Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 22Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 23Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 24Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 25Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 26Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
7.10 Typical Characteristics (continued)
at TA = 25°C (unless otherwise noted)
-0.008
-0.006
-0.004
-0.002
0.000
0.002
0.004
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
C001
AVDD = 10 V
AVSS = 0 V
R
LOAD = 300 Ÿ
All IOUT ranges
Max INL
Min INL
Figure 7-57. IOUT INL vs Temperature (External RSET)
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
10
14
18
22
26
30
34
38
AVDD (V)
C004
AVSS = 0 V
R
LOAD = 300 Ÿ
0 mA to 24 mA range
Max INL
Min INL
Figure 7-58. IOUT INL vs Supply (Internal RSET)
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
10
14
18
22
26
30
34
38
AVDD (V)
C003
Max INL
Min INL
AVSS = 0 V
R
LOAD = 300 Ÿ
0 mA to 24 mA range
Figure 7-59. IOUT INL vs Supply (External RSET)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
C008
AVDD = 24 V
AVSS = 0 V
0 mA to 24 mA range
R
LOAD = 300 Ÿ
Figure 7-60. IOUT DNL vs CODE (0 mA to 24 mA)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
C005
AVDD = 24 V
AVSS = 0 V
0 mA to 20 mA range
R
LOAD = 300 Ÿ
Figure 7-61. IOUT DNL vs Code (0 mA to 20 mA)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
C002
AVDD = 24 V
AVSS = 0 V
4 mA to 20 mA range
R
LOAD = 300 Ÿ
Figure 7-62. IOUT DNL vs Code (4 mA to 20 mA)
www.ti.com
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com