Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7760IPWPR.B Datasheet(PDF) 19 Page - Texas Instruments

Part # DAC7760IPWPR.B
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR.B Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC7760IPWPR.B Datasheet HTML 15Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 16Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 17Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 18Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 19Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 20Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 21Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 22Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 69 page
background image
7.10 Typical Characteristics (continued)
at TA = 25°C (unless otherwise noted)
-0.010
-0.008
-0.006
-0.004
-0.002
0.000
0.002
0.004
0.006
0.008
0.010
-25
-20
-15
-10
-5
0
5
10
15
20
25
Source / Sink Current (mA)
C009
AVDD = +12 V
AVSS = -12 V
±10 V range
Figure 7-33. VOUT (Zero-Scale) vs Load Current
(Source or Sink)
Time (20 µs/div)
VOUT
LATCH
C001
AVDD = +24 V
AVSS = -12 V
From code: 0000h
To code:
FFFFh
“10 V range
C
LOAD = 200 pF
Figure 7-34. BP10V Rising
Time (20 µs/div)
VOUT
LATCH
C001
AVDD = +24 V
AVSS = -12 V
From code: FFFFh
To code:
0000h
“10 V range
C
LOAD = 200 pF
Figure 7-35. BP10V Falling
0
10
20
30
40
50
60
0
5
10
15
20
25
Load Capacitor (nF)
C001
AVDD = +18 V
AVSS = -18 V
CMP = 0 pF
Figure 7-36. VOUT Settling Time vs Load
(No Compensation Capacitor)
20
30
40
50
60
70
0
20
40
60
80
100
Load Capacitor (nF)
C002
AVDD = +18 V
AVSS = -18 V
CMP = 100 pF
Figure 7-37. VOUT Settling Time vs LOAD
(100 pF Between VOUT and CMP Pins)
0
50
100
150
200
250
0
200
400
600
800
1000
Load Capacitor (nF)
C003
AVDD = +18 V
AVSS = -18 V
CMP = 470 pF
Figure 7-38. VOUT Settling Time vs LOAD
(470 pF Between VOUT and CMP Pins)
www.ti.com
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com