Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9679ETR Datasheet(PDF) 70 Page - STMicroelectronics

Part # L9679ETR
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L9679ETR Datasheet HTML 66Page - STMicroelectronics L9679ETR Datasheet HTML 67Page - STMicroelectronics L9679ETR Datasheet HTML 68Page - STMicroelectronics L9679ETR Datasheet HTML 69Page - STMicroelectronics L9679ETR Datasheet HTML 70Page - STMicroelectronics L9679ETR Datasheet HTML 71Page - STMicroelectronics L9679ETR Datasheet HTML 72Page - STMicroelectronics L9679ETR Datasheet HTML 73Page - STMicroelectronics L9679ETR Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 127 page
background image
6 V ≤ V_SSxy ≤ 16.7 V
with -40°C ≤ Tj_start ≤ 130°C;
6V ≤ V_SSxy ≤ 16V
with -40°C ≤ Tj_start ≤ 150°C;
Squib/Pyroswitch Deploy current profile = 1.75 A / 3.2 ms (DCR_Deploy_Time ≤ 54):
6 V ≤ V_SSxy ≤ 14.7 V
with -40 °C ≤ Tj_start ≤ 130 °C;
6 V ≤ V_SSxy ≤ 13.9 V
with -40 °C ≤ Tj_start ≤ 150 °C;
These requirements are valid considering also the case where all loops are shorted to ground during deployment
(SFx = 0 V or SRx = 0 V).
7.1.2
Deploy command expiration timer
Deploy commands are received for all channels using SPI communications. Once a deploy command is received,
it will remain valid for a specified time period selected in the Deploy Configuration Register (DCRx). The deploy
status and deploy expiration timer can be read through the Deploy Status Register (DSRx). The deploy expiration
timer is selectable via 2 bits and the maximum programmable time is 500 ms nominal.
7.1.3
Deployment control flow
Deployment control logic requires the following conditions to be true to successfully operate a deployment:
•
POR = 0
•
SSM to be in Safing State
•
A valid arming condition by FENx signals to be set
•
Channel-specific deploy command request bits to be set via SPI in the Deploy command Register
(DEPCOM)
•
A global deployment state has to be active, as described in the following figure.
Figure 13. Global SPI deployment enable state diagram
SSM_Reset
UNLOCK
=
SPI_SPIDEPEN(DEPEN_WR)
DEP_DISABLED
DEP_ENABLED
LOCK
=
SPI_SPIDEPEN(DEPEN_WR)
GADG0903181136PS
In case a multiple deployment request is needed, i.e. deploying the same channel in sequence, a toggle on
DEP_DISABLED has to be performed and a new DEPCOM command on the same channel has to be sent.
The SPI DEPCOM command is ignored if the device is in the DEP_DISABLED state and the deploy command is
not set. While in DEP_ENABLED state, the following functionalities that could be active are forced to their reset
state:
•
All squib/pyroswitch diagnostic current or voltage sources
•
All squib/pyroswitch and ADC diagnostic MUX settings, state machine, etc.
The SPI_LOCK and SPI_UNLOCK signals are available in the SPIDEPEN command:
The arming valid condition is assessed by using the 3 arming discrete input pins FEN1, FEN2 and FENL. All of
these three pins are active high. The device allows two configurations:
L9679E
Deployment drivers
DS12485 - Rev 8
page 70/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com