Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9679ETR Datasheet(PDF) 97 Page - STMicroelectronics

Part # L9679ETR
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR Datasheet(HTML) 97 Page - STMicroelectronics

Back Button L9679ETR Datasheet HTML 93Page - STMicroelectronics L9679ETR Datasheet HTML 94Page - STMicroelectronics L9679ETR Datasheet HTML 95Page - STMicroelectronics L9679ETR Datasheet HTML 96Page - STMicroelectronics L9679ETR Datasheet HTML 97Page - STMicroelectronics L9679ETR Datasheet HTML 98Page - STMicroelectronics L9679ETR Datasheet HTML 99Page - STMicroelectronics L9679ETR Datasheet HTML 100Page - STMicroelectronics L9679ETR Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 127 page
background image
13
Electrical characteristics
The GNDA pin is used as ground reference for the voltage measurements performed within the device, unless
otherwise stated.
All tables or parameters declared “Design Info” are not tested during production testing.
13.1
Operating supply range
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tamb ≤ +105 °C
Table 17. Operating supply range
Symbol
Parameter
Conditions / Comments
Min
Typ Max Unit
VCC_3
VCC input voltage range
Design Info
3.0
3.3
3.6
V
VCC_5
VCC input voltage range
Design Info
4.5
5
5.5
V
VSAT
VSAT input voltage range
-
6.72
7.2
9.36
V
VSYNC
VSYNC input voltage range
-
11.40
12
35
V
IVCC_DISABLED
VCC current consumption output
disabled
DC state w/o sensor loads; not considering running
diagnostics, nor fault conditions. MISO_G, MISO_RS,
FENL outputs disabled.
-
-
5
µA
IVCC
VCC current consumption output
enabled
DC state w/o sensor loads; not considering running
diagnostics, nor fault conditions. MISO_G, MISO_RS,
FENL outputs enabled.
-
-
5
mA
IVSAT_NO_RSU
VSAT current consumption NO RSU
DC state with RSU channels DISABLED; not
considering running diagnostics, nor fault conditions
-
-
25
mA
IVSAT
VSAT current consumption
DC state with all RSU channels ENABLED but w/o
sensor loads; not considering running diagnostics, nor
fault conditions
-
-
41
mA
IVSYNC_NO_RSU VSYNC current consumption NO RSU
DC state with RSU channels DISABLED; not
considering running diagnostics, nor fault conditions
-
-
0.5
mA
IVSYNC
VSYNC current consumption
DC state with all RSU channels ENABLED but w/o
sensor loads; not considering running diagnostics, nor
fault conditions
-
-
3
mA
IVSYNC_SLEEP
VSYNC current consumption in OFF
state
VSAT ≤ VSAT_ON(min)
-
-
5
µA
VSAT_OFF
VSAT OFF threshold
-
4.2
4.5
4.8
V
VSAT_ON
VSAT ON threshold
-
5.0
5.25
5.5
V
VSAT_OK_TH0 VSAT OK first threshold
-
6.2
6.5
6.8
V
VSAT_OK_TH1 VSAT OK second threshold
-
7.7
8.1
8.5
V
VSYNC_OKRISE
VSYNC_OK threshold on VSYNC rising
edge
-
9
10
11
V
VSYNC_OKFALL
VSYNC_OK threshold on VSYNC
falling edge
-
8
9
10
V
VSYNC_OKHYST VSYNC_OK threshold hysteresis
-
0.6
-
1.2
V
VTEST_TH
TEST threshold
Test go no go
10
12
14
V
VTEST_HYST
TEST hysteresis
Design Info
0.2
0.4
0.5
V
IPD_TEST
TEST Pull Down
VTEST ≤ 5 V
20
45
70
µA
TVSAT_FILT
VSAT filter time
-
900
-
1150
µs
L9679E
Electrical characteristics
DS12485 - Rev 8
page 97/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com