Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9679ETR Datasheet(PDF) 86 Page - STMicroelectronics

Part # L9679ETR
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR Datasheet(HTML) 86 Page - STMicroelectronics

Back Button L9679ETR Datasheet HTML 82Page - STMicroelectronics L9679ETR Datasheet HTML 83Page - STMicroelectronics L9679ETR Datasheet HTML 84Page - STMicroelectronics L9679ETR Datasheet HTML 85Page - STMicroelectronics L9679ETR Datasheet HTML 86Page - STMicroelectronics L9679ETR Datasheet HTML 87Page - STMicroelectronics L9679ETR Datasheet HTML 88Page - STMicroelectronics L9679ETR Datasheet HTML 89Page - STMicroelectronics L9679ETR Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 127 page
background image
L9679E supports three time slots in a sync period with associated RSDRx registers. The messages received
within one sync period are routed to the corresponding RSDRx register associated to each time slot. A time slot
control is performed to check if the incoming messages fall within the valid time slots reported in Table 34. PSI-5
Satellite Transceiver - AC Specifications and sketched in Figure 25. PSI5 Slot Timing Control. If the end of the
received message occurs outside a valid time slot, a SLOT_ERROR fault will be detected and stored in the
related RSDRx register. Slot error assignment is described in Figure 25. PSI5 Slot Timing Control. For instance, if
the end of second message falls before expected valid time window the error slot 1 is asserted and then also the
data received with the first message is lost. If two messages end within the same slot, the second message will
be assigned to that slot, regardless of its validity. The time slot control can be disabled by setting the TSxDIS bit in
the RSCRx register.
Figure 25. PSI5 Slot Timing Control
GADG1203180749PS
t0
Response
Receiver
Detect windows
Frame end
From Satellite
PSI5 frames
Vbase+0.5 V
Vbase
SATSYNC PIN
SYNC PULSE ENABLE
Error Slot 1
Slot 1
T_s1_end_open(max)
T_s1_end_open(min)
T_LS_1
T_ES_1
Slot 1
Valid
T_LE_1
T_EE_1
T_s2_end_open(max)
T_s2_end_open(min)
Error Slot 1
Slot 2
T_s1_end_closure(max)
T_s1_end_closure(min)
T_LS_2
T_ES_2
Slot 2
Valid
T_LE_2
T_EE_2
T_s2_end_closure(max)
T_s2_end_closure(min)
T_s3_end_open(max)
T_s3_end_open(min)
Slot 2
Error
Slot 3
T_LS_3
T_ES_3
Slot 3
Valid
T_EE_3
T_s3_end_closure(max)
T_s3_end_closure(min)
included
Stop bit not
Error Slot 3
T_LE_3
Asynchronous mode
For PSI-5 asynchronous mode, three data registers per channel are used to store a maximum of three remote
sensor messages.
In this way the frequency of SPI access of the microcontroller to read data can be reduced assuming that during
each phase of data reading the microcontroller is able to send consecutive SPI frames to read all accumulated
data.
This data buffer works as a FIFO, so the microcontroller reads always the oldest data message.
In case the microcontroller is not fast enough to read the three accumulated data, the IC will discard the oldest
data when new data is incoming.
SPI access to read data is asynchronous respect to writing of data registers, so the IC has been designed to
prevent data losses in case these two events occur at the same time.
There is only one SPI register address for each channel that the microcontroller has to read to get all the data.
This address is the one related to slot1 in the equivalent synchronous mode.
Trying to read addresses related to slot2 and slot3 will respond with all zeros in READ[19:16] field of MISO_RS.
L9679E
Remote sensor interface
DS12485 - Rev 8
page 86/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com