Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9679ETR Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9679ETR
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9679ETR Datasheet HTML 8Page - STMicroelectronics L9679ETR Datasheet HTML 9Page - STMicroelectronics L9679ETR Datasheet HTML 10Page - STMicroelectronics L9679ETR Datasheet HTML 11Page - STMicroelectronics L9679ETR Datasheet HTML 12Page - STMicroelectronics L9679ETR Datasheet HTML 13Page - STMicroelectronics L9679ETR Datasheet HTML 14Page - STMicroelectronics L9679ETR Datasheet HTML 15Page - STMicroelectronics L9679ETR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 127 page
background image
5.2.1
Power-off mode
During the Power-off mode all supplies are disabled keeping the system in a quiescent state with very low current
draw from battery. As soon as VSAT>VSAT_ON the IC will move to Awake Mode.
5.2.2
Awake mode
During the Awake mode the VINT3V3 and CVDD internal regulators are turned on and once internal POR is
released and RESET_N pin is pulled high, the IC is ready for full activation of all the functionalities.
5.2.3
Active mode
When POR has been released and if VSAT stays above VSAT_ON threshold at least for TVSATFILT the device
enters Active mode.
In this state the internal regulators are not immediately switched off in case VSAT goes below VSAT_OFF
threshold. It’s necessary that VSAT stays below VSAT_OFF for at least TVSATFILT to disable internal
regulators.This filter time is present to avoid that glitch on VSAT supply can switch off the device. Anyway it must
be considered that, if VSAT goes down and output voltage of internal regulators cannot be sustained, the POR
signal will be asserted and the device is immediately switched off.
5.2.4
Power-up and power-down sequences
The typical behaviour of the IC during normal power-up and power-down is shown in Figure 4. Normal power-up
sequence and Figure 5. Normal power-down sequence.
It’s not required that the following sequence is applied. VSAT is the main supply of the device. VSYNC and VCC
supplies can be provided before or after VSAT and are necessary to guarantee the full functionality of the device.
L9679E
Start-up and power control
DS12485 - Rev 8
page 12/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com