Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9679ETR Datasheet(PDF) 110 Page - STMicroelectronics

Part # L9679ETR
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR Datasheet(HTML) 110 Page - STMicroelectronics

Back Button L9679ETR Datasheet HTML 106Page - STMicroelectronics L9679ETR Datasheet HTML 107Page - STMicroelectronics L9679ETR Datasheet HTML 108Page - STMicroelectronics L9679ETR Datasheet HTML 109Page - STMicroelectronics L9679ETR Datasheet HTML 110Page - STMicroelectronics L9679ETR Datasheet HTML 111Page - STMicroelectronics L9679ETR Datasheet HTML 112Page - STMicroelectronics L9679ETR Datasheet HTML 113Page - STMicroelectronics L9679ETR Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 127 page
background image
Symbol
Parameter
Comments / Conditions
Min
Typ
Max Unit
ILIM_SYNC
Static current limitation for each
transceiver output RSUx
During sync pulse generator
VRSUx = GND
VVSYNC ≤
35 V
-260
-
-120
mA
C1
Capacitor on RSUx pin
22 nF nominal Design info
13
-
-
nF
RE2
RSU damping resistance
Design info
-
2.5
-
Ω
C2
ECU pin capacitance
5 nF nominal Design information, not tested
4
-
6
nF
-
Total number of sensors connected to bus
Design info
1
-
3
-
VIH_SATSYNC
SATSYNC high level input voltage
-
2
-
-
V
VIL_SATSYNC
SATSYNC low level input voltage
-
-
-
0.8
V
IPD_SATSYNC
SATSYNC Pull-down current
SATSYNC = VCC
20
45
70
µA
TJSD_RSU
Thermal shutdown threshold
-
150
175
190
°C
THYS_TSDRSU
Thermal shutdown threshold hysteresis
5
10
15
°C
Table 34. PSI-5 Satellite Transceiver - AC Specifications
Symbol
Parameter
Comments / Conditions
Min
Typ
Max Unit
TBit_125k
Bit time (125 kbps
mode)
At the sensor connector
7.6
8
8.4
μs
TBit_189k
Bit time (189 kbps
mode)
At the sensor connector
5
5.3
5.6
μs
TFLT_OCTH_PSI5
Over current detection
deglitch filter time
Normal operation
500
-
600
μs
TBLK_OCTH_PSI5
Over current detection
blanking time
At interface power on (BLKTxSEL = 0)
4.6
-
5.4
ms
At interface power on (BLKTxSEL = 1)
9.4
-
10.8
ms
TSTBTH
Reverse battery
blocking enable time
-
12
-
16
μs
t0
Reference time
@0.5 V on top of VRSUbase
-
0
-
-
t1
Sync signal earliest
start
@ VRSU+150 mV relative to t0
-3
-
-
μs
TSYNC_START
Start delay time
From SATSYNC to t0 of channel 0
1.5
-
5
μs
t2
Sync signal sustain
start
@ VRSU+3.8 V relative to t0
-
-
7
μs
SRRISE_RSU
Sync slope rising slew
rate
-
0.43
-
1.5
V/μs
SRFALL_RSU
Sync slope falling slew
rate
-
-1.5
-
-
V/μs
t3
Sync signal sustain
time
From t0 to VRSU+3.8 V of falling edge
16
-
-
µs
t4
Discharge time limit
From t0 to VRSU+150 mV of falling edge
-
-
35
µs
TBLANK
Decoder blanking
time(decoding
disabled)
Design info
-
-
42
μs
TSYNC
Time between two
sync pulses
Design info
400
500
-
µs
L9679E
Electrical characteristics
DS12485 - Rev 8
page 110/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com