Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA326 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STA326_V01 Datasheet HTML 45Page - STMicroelectronics STA326_V01 Datasheet HTML 46Page - STMicroelectronics STA326_V01 Datasheet HTML 47Page - STMicroelectronics STA326_V01 Datasheet HTML 48Page - STMicroelectronics STA326_V01 Datasheet HTML 49Page - STMicroelectronics STA326_V01 Datasheet HTML 50Page - STMicroelectronics STA326_V01 Datasheet HTML 51Page - STMicroelectronics STA326_V01 Datasheet HTML 52Page - STMicroelectronics STA326_V01 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
DocID11531 Rev 9
49/64
STA326
User programmable processing
64
8.4
Mix/bass management
The STA326 provides a post EQ mixing block per channel. Each channel has 2 mixing
coefficients, which are each 24-bit signed fractional multipliers, that correspond to the 2
channels of input to the mixing block. These coefficients are accessible via the user
controlled coefficient RAM described below. The mix coefficients are expressed as 24-bit
signed; fractional numbers in the range +1.0 (8388607) to -1.0 (-8388608) are used to
provide three channels of output from two channels of filtered input.
Figure 20. Mix/bass management block diagram
After a mix is achieved, STA326 also provides the capability to implement crossover filters
on all channels corresponding to 2.1 bass management solution. Channels 1 and 2 use a
first-order high-pass filter and channel 3 uses a second-order low-pass filter corresponding
to the setting of the XO bits of I2C register 0x0C. If XO = 000, user specified crossover filters
are used.
By default these coefficients correspond to pass-through. However, the user can write these
coefficients in a similar way as the EQ biquads. When user-defined setting is selected, the
user can only write 2nd order crossover filters. This output is then passed on to the
volume/limiter block.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com