Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA326 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA326_V01 Datasheet HTML 16Page - STMicroelectronics STA326_V01 Datasheet HTML 17Page - STMicroelectronics STA326_V01 Datasheet HTML 18Page - STMicroelectronics STA326_V01 Datasheet HTML 19Page - STMicroelectronics STA326_V01 Datasheet HTML 20Page - STMicroelectronics STA326_V01 Datasheet HTML 21Page - STMicroelectronics STA326_V01 Datasheet HTML 22Page - STMicroelectronics STA326_V01 Datasheet HTML 23Page - STMicroelectronics STA326_V01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
I2C bus specification
STA326
20/64
DocID11531 Rev 9
6.3
Write operation
Following the START condition the master sends a device select code with the RW bit set
to 0. The STA326 acknowledges this and then the master writes the internal address byte.
After receiving the internal byte address the STA326 again responds with an
acknowledgement.
Figure 14. I2C write procedure
Byte write
In the byte write mode the master sends one data byte. This is acknowledged by the
STA326. The master then terminates the transfer by generating a STOP condition.
Multi-byte write
The multi-byte write modes can start from any internal address. Sequential data byte writes
will be written to sequential addresses within the STA326.
The master generating a STOP condition terminates the transfer.
6.4
Read operation
Figure 15. I2C read procedure
Current address byte read
Following the START condition the master sends a device select code with the RW bit set to
1. The STA326 acknowledges this and then responds by sending one byte of data. The
master then terminates the transfer by generating a STOP condition.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com