Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA326 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA326_V01 Datasheet HTML 20Page - STMicroelectronics STA326_V01 Datasheet HTML 21Page - STMicroelectronics STA326_V01 Datasheet HTML 22Page - STMicroelectronics STA326_V01 Datasheet HTML 23Page - STMicroelectronics STA326_V01 Datasheet HTML 24Page - STMicroelectronics STA326_V01 Datasheet HTML 25Page - STMicroelectronics STA326_V01 Datasheet HTML 26Page - STMicroelectronics STA326_V01 Datasheet HTML 27Page - STMicroelectronics STA326_V01 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
Register description
STA326
24/64
DocID11531 Rev 9
bits determine the PLL factor generating the internal clock and the IR bit determines the
oversampling ratio used internally.
The STA326 has variable interpolation (re-sampling) settings such that internal processing
and DDX® output rates remain consistent. The first processing block interpolates by either 2
times or 1 time (pass-through) or provides a downsample by a factor of 2.
The IR bits determine the re-sampling ratio of this interpolation.
If the thermal warning adjustment is enabled (TWAB = 0), then the thermal warning
recovery will determine if the adjustment is removed when thermal warning is negative. If
TWRB = 0 and TWAB = 0, then when a thermal warning disappears the gain adjustment
determined by the thermal warning postscale (default = -3 dB) will be removed and the gain
will be added back to the system. If TWRB = 1 and TWAB = 0, then when a thermal warning
Table 11. IR and MCS settings for input sample rate and clock rate
Input sample rate
fs (kHz)
IR
MCS[2:0]
000
001
010
011
100
101
32, 44.1, 48
00
768 fs
512 fs
384 fs
256 fs
128 fs
576 fs
88.2, 96
01
384 fs
256 fs
192 fs
128 fs
64 fs
-
176.4, 192
1X
384 fs
256 fs
192 fs
128 fs
64 fs
-
Table 12. Interpolation ratio select
Bit
R/W
RST
Name
Description
4:3
RW
00
IR[1:0]
Interpolation ratio select: selects internal interpolation ratio
based on input
I2S sample frequency
Table 13. IR bit settings as a function of input sample rate
Input sample rate fs (kHz)
IR[1,0]
1st stage interpolation ratio
32
00
2 times oversampling
44.1
00
2 times oversampling
48
00
2 times oversampling
88.2
01
Pass-through
96
01
Pass-through
176.4
10
Downsampling by 2
192
10
Downsampling by 2
Table 14. Thermal warning recovery bypass
Bit
R/W
RST
Name
Description
5
RW
1
TWRB
Thermal warning recovery bypass:
0: thermal warning recovery enabled
1: thermal warning recovery disabled
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com