Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA326 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA326_V01 Datasheet HTML 21Page - STMicroelectronics STA326_V01 Datasheet HTML 22Page - STMicroelectronics STA326_V01 Datasheet HTML 23Page - STMicroelectronics STA326_V01 Datasheet HTML 24Page - STMicroelectronics STA326_V01 Datasheet HTML 25Page - STMicroelectronics STA326_V01 Datasheet HTML 26Page - STMicroelectronics STA326_V01 Datasheet HTML 27Page - STMicroelectronics STA326_V01 Datasheet HTML 28Page - STMicroelectronics STA326_V01 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
DocID11531 Rev 9
25/64
STA326
Register description
64
disappears the thermal warning postscale gain adjustment will remain until TWRB is
changed to zero or the device is reset.
The on-chip STA326 power output block provides feedback to the digital controller using
inputs to the power control block. The TWARN input is used to indicate a thermal warning
condition. When TWARN is asserted (set to 0) for a period greater than 400 ms, the power
control block will force an adjustment to the modulation limit in an attempt to eliminate the
thermal warning condition. Once the thermal warning volume adjustment is applied, whether
the gain is reapplied when TWARN is de-asserted is dependent on the TWRB bit.
The DDX® power block can provide feedback to the digital controller using inputs to the
power control block. The FAULT input is used to indicate a fault condition (either over-
current or thermal). When FAULT is asserted (set to 0), the power control block will attempt
a recovery from the fault by asserting the 3-state output (setting it to 0 which directs the
power output block to begin recovery). It holds it at 0 for period of time in the range of 0.1 ms
to 1 s as defined by the fault-detect recovery constant register (FDRC registers
0x29 to 0x2A), then toggle it back to 1. This sequence is repeated as log as the fault
indication exists. This feature is enabled by default but can be bypassed by setting the
FDRB control bit to 1.
Table 15. Thermal warning adjustment bypass
Bit
R/W
RST
Name
Description
6
RW
1
TWAB
Thermal warning adjustment bypass:
0: thermal warning adjustment enabled
1: thermal warning adjustment disabled
Table 16. Fault detect recovery bypass
Bit
R/W
RST
Name
Description
7
RW
0
FDRB
Fault detector recovery bypass:
0: fault detector recovery enabled
1: fault detector recovery disabled
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com