Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA326 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA326_V01 Datasheet HTML 28Page - STMicroelectronics STA326_V01 Datasheet HTML 29Page - STMicroelectronics STA326_V01 Datasheet HTML 30Page - STMicroelectronics STA326_V01 Datasheet HTML 31Page - STMicroelectronics STA326_V01 Datasheet HTML 32Page - STMicroelectronics STA326_V01 Datasheet HTML 33Page - STMicroelectronics STA326_V01 Datasheet HTML 34Page - STMicroelectronics STA326_V01 Datasheet HTML 35Page - STMicroelectronics STA326_V01 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
Register description
STA326
32/64
DocID11531 Rev 9
7.5
Configuration register E (addr 0x04)
By enabling MPC and setting MPCV = 1, the max power correction becomes variable. By
adjusting the MPCC registers (address 0x27, 0x28) it becomes possible to adjust the THD
at maximum unclipped power to a lower value for a particular application.
Setting the MPC bit corrects the DDX® power device at high power. This mode lowers the
THD+N of a full DDX® system at maximum power output and slightly below.
The STA326 features a DDX® processing mode that minimizes the amount of noise
generated in the frequency range of AM radio. This mode is intended for use when DDX® is
operating in a device with an active AM tuner. The SNR of the DDX® processing is reduced
to approximately 83 dB in this mode, which is still greater than the SNR of AM radio.
D7
D6
D5
D4
D3
D2
D1
D0
SVE
ZCE
Reserved
PWMS
AME
Reserved
MPC
MPCV
1
1
0
0
001
0
Table 33. Max power correction variable
Bit
R/W
RST
Name
Description
0
RW
0
MPCV
Max power correction variable:
0: use standard MPC coefficient
1: use MPCC bits for MPC coefficient
Table 34. Max power correction
Bit
R/W
RST
Name
Description
1
RW
1
MPC
Max power correction:
0: MPC disabled
1: MPC enabled
Table 35. AM mode enable
Bit
R/W
RST
Name
Description
3
RW
0
AME
AM mode enable:
0: normal DDX® operation.
1: AM reduction mode DDX® operation.
Table 36. PWM speed mode
Bit
R/W
RST
Name
Description
4
RW
0
PWMS
PWM output speed selection:
0: normal speed (384 kHz) all channels
1: odd speed (341.3 kHz) all channels
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com