Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D950-CORE Datasheet(PDF) 80 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 80 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 76Page - STMicroelectronics D950-CORE Datasheet HTML 77Page - STMicroelectronics D950-CORE Datasheet HTML 78Page - STMicroelectronics D950-CORE Datasheet HTML 79Page - STMicroelectronics D950-CORE Datasheet HTML 80Page - STMicroelectronics D950-CORE Datasheet HTML 81Page - STMicroelectronics D950-CORE Datasheet HTML 82Page - STMicroelectronics D950-CORE Datasheet HTML 83Page - STMicroelectronics D950-CORE Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 89 page
background image
80/89
D950-Core
edge) to an interrupt input (ITRQi).
DIP_ENA = 1, the number of available interrupt sources in the interrupt
controller is low: Connect the logical AND of the DITi signals (DIT_AND) to a
single interrupt input (ITRQi), the interrupt pending bits (DIPi) of the DAIC
register distinguish the which of the four possible interrupt sources caused the
interrupt. (see 7.4.4).
7.4.4 DMA Peripheral Registers
Address Registers
Two 16-bit registers (unsigned) are dedicated per channel for transfer address:
DIA: initial address. This register contains the initial address of the selected
address bus (see DBC-bit of DGC).
DCA: current address. This register contains the value to be transferred to the
selected address bus (see
DBC-bit of DGC) during the next transfer. The
different DCA values are:
Note:
See DAIC register for DAI and DLA definitions
Counting Registers
Two 16-bit registers (unsigned) per channel are dedicated for transfer count.
For a transfer of a N data block, DIC and DCC registers have to be loaded with N-1.
When DCC content is 0 (valid transfer count), it is loaded with DIC content for the next transfer.
DIC: initial count. This register contains the total number of transfers of the
entire block
DCC: current count. This register contains the remaining number of transfers
to be done to fill the entire block. It is decremented after each transfer. The
DCC values are:
RESET
DAI
DLA
DCC = 0
DCA(n+1)
1X
X
X
0
0
0
X
X
DCA(n)
0
1
0
X
DCA(n) + 1
0
1
1
0
DCA(n) + 1
01
1
1
DIA
RESET
DCC = 0
DCA(n+1)
1X
0
0
0
DCA(n) - 1
01
DIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com