Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D950-CORE Datasheet(PDF) 83 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 83 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 79Page - STMicroelectronics D950-CORE Datasheet HTML 80Page - STMicroelectronics D950-CORE Datasheet HTML 81Page - STMicroelectronics D950-CORE Datasheet HTML 82Page - STMicroelectronics D950-CORE Datasheet HTML 83Page - STMicroelectronics D950-CORE Datasheet HTML 84Page - STMicroelectronics D950-CORE Datasheet HTML 85Page - STMicroelectronics D950-CORE Datasheet HTML 86Page - STMicroelectronics D950-CORE Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 89 page
background image
83/89
D950-Core
7.5
Emulation and Test Unit (EMU)
7.5.1 Introduction
The D950-Core EMU is a peripheral which performs functions dedicated to emulation and test
through the external IEEE 1149.1 JTAG interface.
The emulation and test operations are controlled by an off-core Test Access Port (TAP) and
an off-core emulator by means of dedicated control I/Os.
Figure 7.6
D950-Core Emulation and Test
Emulation mode can entered in two ways:
Asserting ERQ input pin low.
Meeting a valid breakpoint condition or executing an instruction in single step
mode.
Most of D950-Core instructions can be executed in emulation mode, including arithmetic/logic,
JUMP/CALL and MOVE. These instructions are used to display the processor status
(memories and registers) and restore the context.
Exiting the emulation mode is controlled by the PC-board emulator through the JTAG
interface.
TAP
CORE
Instr.
Reg.
out.
mux
EMU
TAP
D950
NTRST
TMS
TCK
TDI
TDO
NERQ
AI,X,YEBP
TI_CORE
TO_CORE
UPDATE_DR
BUS + CTRL
FNOP,INCYCLE,LPACK
HALTACK,MCI
HALT
SNAP IDLE
CLK_EMU
TEST_D950
EMU_D950
TEST
EMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com