Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA186A2IDDFR Datasheet(PDF) 17 Page - Texas Instruments

Part # INA186A2IDDFR
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA186A2IDDFR Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA186A2IDDFR Datasheet HTML 13Page - Texas Instruments INA186A2IDDFR Datasheet HTML 14Page - Texas Instruments INA186A2IDDFR Datasheet HTML 15Page - Texas Instruments INA186A2IDDFR Datasheet HTML 16Page - Texas Instruments INA186A2IDDFR Datasheet HTML 17Page - Texas Instruments INA186A2IDDFR Datasheet HTML 18Page - Texas Instruments INA186A2IDDFR Datasheet HTML 19Page - Texas Instruments INA186A2IDDFR Datasheet HTML 20Page - Texas Instruments INA186A2IDDFR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
7.4.5 Shutdown
The INA186 features an active-high ENABLE pin that shuts down the device when pulled to ground. When
the device is shut down, the quiescent current is reduced to 10 nA (typical), and the output goes to a high-
impedance state. In a battery-powered application, the low quiescent current extends the battery lifetime when
the current measurement is not needed. When the ENABLE pin is driven to the supply voltage, the device turns
back on. The typical output settling time when enabled is 130 µs.
The output of the INA186 goes to a high-impedance state when disabled. Figure 7-5 shows how to connect
multiple outputs of the INA186 together to a single ADC or measurement device.
When connected in this way, enable only one INA186 at a time, and make sure all devices have the same supply
voltage.
ADC
RSENSE
LOAD
Microcontroller
Bus Voltage1
upto to +40 V
ENABLE
VS
OUT
REF
GND
IN+
IN±
RSENSE
LOAD
0.1 F
Supply Voltage
1.7 V to 5.5 V
Bus Voltage2
upto to +40 V
GPIO1
GPIO2
ENABLE
VS
OUT
REF
GND
IN+
IN±
0.1 F
Supply Voltage
1.7 V to 5.5 V
INA186
INA186
Figure 7-5. Multiplexing Multiple Devices With the ENABLE Pin
www.ti.com
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com