Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA186A2IDDFR Datasheet(PDF) 23 Page - Texas Instruments

Part # INA186A2IDDFR
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA186A2IDDFR Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA186A2IDDFR Datasheet HTML 19Page - Texas Instruments INA186A2IDDFR Datasheet HTML 20Page - Texas Instruments INA186A2IDDFR Datasheet HTML 21Page - Texas Instruments INA186A2IDDFR Datasheet HTML 22Page - Texas Instruments INA186A2IDDFR Datasheet HTML 23Page - Texas Instruments INA186A2IDDFR Datasheet HTML 24Page - Texas Instruments INA186A2IDDFR Datasheet HTML 25Page - Texas Instruments INA186A2IDDFR Datasheet HTML 26Page - Texas Instruments INA186A2IDDFR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
8.2 Typical Applications
The low input bias current of the INA186 allows accurate monitoring of small-value currents. To accurately
monitor currents in the microamp range, increase the value of the sense resistor to increase the sense
voltage so that the error introduced by the offset voltage is small. Figure 8-6 shows the circuit configuration
for monitoring low-value currents. As a result of the differential input impedance of the INA186, limit the value of
RSENSE to 1 kΩ or less for best accuracy.
VS
OUT
REF
GND
IN+
IN±
LOAD
0.1
F
5 V
12 V
R
SENSE
” 1 kO
INA186
Figure 8-6. Microamp Current Measurement
8.2.1 Design Requirements
Table 8-1 lists the design requirements for the circuit shown in Figure 8-6.
Table 8-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Power-supply voltage (VS)
5 V
Bus supply rail (VCM)
12 V
Minimum sense current (IMIN)
1 µA
Maximum sense current (IMAX)
150 µA
Device gain (GAIN)
25 V/V
Reference voltage (VREF)
0 V
www.ti.com
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: INA186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com