Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA186A2IDDFR Datasheet(PDF) 18 Page - Texas Instruments

Part # INA186A2IDDFR
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA186A2IDDFR Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA186A2IDDFR Datasheet HTML 14Page - Texas Instruments INA186A2IDDFR Datasheet HTML 15Page - Texas Instruments INA186A2IDDFR Datasheet HTML 16Page - Texas Instruments INA186A2IDDFR Datasheet HTML 17Page - Texas Instruments INA186A2IDDFR Datasheet HTML 18Page - Texas Instruments INA186A2IDDFR Datasheet HTML 19Page - Texas Instruments INA186A2IDDFR Datasheet HTML 20Page - Texas Instruments INA186A2IDDFR Datasheet HTML 21Page - Texas Instruments INA186A2IDDFR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The INA186 amplifies the voltage developed across a current-sensing resistor as current flows through the
resistor to the load or ground. The high common-mode rejection of the INA186 makes it usable over a wide
range of voltage rails while still maintaining an accurate current measurement.
8.1.1 Basic Connections
Figure 8-1 shows the basic connections of the INA186. Place the device as close as possible to the current
sense resistor and connect the input pins (IN+ and IN–) to the current sense resistor through kelvin connections.
If present, the ENABLE pin must be controlled externally or connected to VS if not used.
ADC
ENABLE
(1)
VS
OUT
REF
(2)
GND
IN+
IN±
LOAD
Microcontroller
Supply Voltage
1.7 V to 5.5 V
Bus Voltage
±0.2 V to +40 V
0.5 nA
(typ)
0.5 nA
(typ)
0.1 …F
RSENSE
INA186
(1) The ENABLE pin is available only
in the DDF and YFD packages.
(2) The REF pin is available only in
the DDF and DCK packages.
A.
To help eliminate ground offset errors between the device and the analog-to-digital converter (ADC), connect the REF pin to the ADC
reference input. When driving SAR ADCs, filter or buffer the output of the INA186 before connecting directly to the ADC.
Figure 8-1. Basic Connections
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com