Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA186A2IDDFR Datasheet(PDF) 25 Page - Texas Instruments

Part # INA186A2IDDFR
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA186A2IDDFR Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA186A2IDDFR Datasheet HTML 21Page - Texas Instruments INA186A2IDDFR Datasheet HTML 22Page - Texas Instruments INA186A2IDDFR Datasheet HTML 23Page - Texas Instruments INA186A2IDDFR Datasheet HTML 24Page - Texas Instruments INA186A2IDDFR Datasheet HTML 25Page - Texas Instruments INA186A2IDDFR Datasheet HTML 26Page - Texas Instruments INA186A2IDDFR Datasheet HTML 27Page - Texas Instruments INA186A2IDDFR Datasheet HTML 28Page - Texas Instruments INA186A2IDDFR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
10 Layout
10.1 Layout Guidelines
• Connect the input pins to the sensing resistor using a Kelvin or 4-wire connection. This connection technique
makes sure that only the current-sensing resistor impedance is detected between the input pins. Poor routing
of the current-sensing resistor commonly results in additional resistance present between the input pins.
Given the very low ohmic value of the current resistor, any additional high-current carrying impedance can
cause significant measurement errors.
• Place the power-supply bypass capacitor as close as possible to the device power supply and ground pins.
The recommended value of this bypass capacitor is 0.1 µF. Additional decoupling capacitance can be added
to compensate for noisy or high-impedance power supplies.
• When routing the connections from the current-sense resistor to the device, keep the trace lengths as short
as possible. The input filter capacitor CF should be placed as close as possible to the input pins of the device.
10.2 Layout Examples
REF
GND
VS
OUT
IN-
IN+
1
2
3
4
5
6
Supply Voltage
(1.7 V to 5.5 V)
CBYPASS
VIA to Ground Plane
INA186
RSHUNT
RF
CF
Note: RF and CF are optional in low
noise/ripple environments
RF
Current Sense
Output
VIA to Ground Plane
Connect REF to GND for
Unidirectional Measurement
or to External Reference for
Bidirectional Measurement
Figure 10-1. Recommended Layout for SC70 (DCK) Package
www.ti.com
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: INA186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com