Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA186A2IDDFR Datasheet(PDF) 24 Page - Texas Instruments

Part # INA186A2IDDFR
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA186A2IDDFR Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA186A2IDDFR Datasheet HTML 20Page - Texas Instruments INA186A2IDDFR Datasheet HTML 21Page - Texas Instruments INA186A2IDDFR Datasheet HTML 22Page - Texas Instruments INA186A2IDDFR Datasheet HTML 23Page - Texas Instruments INA186A2IDDFR Datasheet HTML 24Page - Texas Instruments INA186A2IDDFR Datasheet HTML 25Page - Texas Instruments INA186A2IDDFR Datasheet HTML 26Page - Texas Instruments INA186A2IDDFR Datasheet HTML 27Page - Texas Instruments INA186A2IDDFR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
8.2.2 Detailed Design Procedure
The maximum value of the current-sense resistor is calculated based on choice of gain, value of the maximum
current the be sensed (IMAX), and the power-supply voltage (VS). When operating at the maximum current, the
output voltage must not exceed the positive output swing specification, VSP. Using Equation 6, for the given
design parameters the maximum value for RSENSE is calculated to be 1.321 kΩ.
SP
SENSE
MAX
V
R
<
I
GAIN
u
(6)
However, because this value exceeds the maximum recommended value for RSENSE, a resistance value of 1
kΩ must be used. When operating at the minimum current value, IMIN the output voltage must be greater than
the swing to GND (VSN), specification. For this example, the output voltage at the minimum current is calculated
using Equation 7 to be 25 mV, which is greater than the value for VSN.
OUTMIN
MIN
SENSE
V
I
R
GAIN
u
u
(7)
8.2.3 Application Curve
Figure 8-7 shows the output of the device under the conditions given in Table 8-1 and with RSENSE = 1 kΩ.
Input Current (µA)
0
25
50
75
100
125
150
0
0.5
1
1.5
2
2.5
3
3.5
4
D031
Figure 8-7. Typical Application DC Transfer Function
9 Power Supply Recommendations
The input circuitry of the INA186 accurately measures beyond the power-supply voltage, VS. For example, VS
can be 5 V, whereas the bus supply voltage at IN+ and IN– can be as high as 40 V. However, the output voltage
range of the OUT pin is limited by the voltage on the VS pin. The INA186 also withstands the full differential input
signal range up to 40 V at the IN+ and IN– input pins, regardless of whether the device has power applied at the
VS pin. There is no sequencing requirement for VS and VIN+ or VIN–.
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com