Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM46002PWPRG4 Datasheet(PDF) 28 Page - Texas Instruments

Part # LM46002PWPRG4
Description  LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46002PWPRG4 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM46002PWPRG4 Datasheet HTML 24Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 25Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 26Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 27Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 28Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 29Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 30Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 31Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
L
OUT
i
r
I
'
28
LM46002
SNVSA13C – APRIL 2014 – REVISED APRIL 2019
www.ti.com
Product Folder Links: LM46002
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
D is the duty cycle of the converter which in a buck converter it can be approximated as D = VOUT / VIN, assuming
no loss power conversion. By calculating in terms of amperes, volts, and megahertz, the inductance value comes
out in micro henries. The inductor ripple current ratio is defined by:
(15)
The second criterion is the inductor saturation current rating. The inductor must be rated to handle the maximum
load current plus the ripple current:
IL-PEAK = ILOAD-MAX + Δ iL / 2
(16)
The LM46002 has both valley current limit and peak current limit. During an instantaneous short, the peak
inductor current can be high due to a momentary increase in duty cycle. The inductor current rating must be
higher than the HS current limit. It is advised to select an inductor with a larger core saturation margin and
preferably a softer rolloff of the inductance value over load current.
In general, lower inductance in switching power supplies is the best choice because it usually corresponds to
faster transient response, smaller DCR, and reduced size for more compact designs. But an inductance that is
too low can generate an inductor current ripple that is too large so that overcurrent protection at the full load
could be falsely triggered. It also generates more conduction loss, since the RMS current is slightly higher
relative that with lower current ripple at the same DC current. Larger inductor current ripple also implies larger
output voltage ripple with the same output capacitors. With peak-current-mode control, TI does not recommend
having an inductor current ripple that is too small. Enough inductor current ripple improves signal-to-noise ratio
on the current comparator and makes the control loop more immune to noise.
Once the inductance is determined, the type of inductor must be selected. Ferrite designs have very low core
losses and are preferable at high switching frequencies, so design goals can concentrate on copper loss and
preventing saturation. Ferrite core material saturates hard, which means that inductance collapses abruptly when
the peak design current is exceeded. The ‘hard’ saturation results in an abrupt increase in inductor ripple current
and consequent output voltage ripple. Do not allow the core to saturate!
For the design example, a standard 10-μH inductor from Wurth, Coiltronics, or Vishay can be used for the 3.3-V
output with plenty of current-rating margin.
8.2.2.6 Output Capacitor Selection
The device is designed to be used with a wide variety of LC filters. Use as little output capacitance as possible to
keep cost and size down. Choose the output capacitor(s), COUT, with care because COUT directly affects the
steady-state output voltage ripple, loop stability, and the voltage over/undershoot during load current transients.
The output voltage ripple is essentially composed of two parts. One is caused by the inductor current ripple going
through the ESR of the output capacitors:
ΔVOUT-ESR = ΔiL× ESR
(17)
The other is caused by the inductor current ripple charging and discharging the output capacitors:
ΔVOUT-C = ΔiL/ ( 8 × FS × COUT )
(18)
The two components in the voltage ripple are not in phase, so the actual peak-to-peak ripple is smaller than the
sum of the two peaks.
Output capacitance is usually limited by transient performance specifications if the system requires tight voltage
regulation in the presence of large current steps and fast slew rates. When a fast large load transient happens,
output capacitors provide the required charge before the inductor current can slew to the appropriate level. The
initial output voltage step is equal to the load current step multiplied by the ESR. VOUT continues to droop until
the control loop response increases or decreases the inductor current to supply the load. To maintain a small
over- or under-shoot during a transient, small ESR and large capacitance are desired. But these also come with
higher cost and size. Thus, the motivation is to seek a fast control loop response to reduce the output voltage
deviation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com