Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM46002PWPRG4 Datasheet(PDF) 38 Page - Texas Instruments

Part # LM46002PWPRG4
Description  LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46002PWPRG4 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LM46002PWPRG4 Datasheet HTML 34Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 35Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 36Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 37Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 38Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 39Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 40Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 41Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
Time (1 ms/DIV)
VOUT (2 V/DIV)
IINDUCTOR (1 A/DIV)
PGOOD (5 V/DIV)
Time (1 ms/DIV)
VOUT (2 V/DIV)
IINDUCTOR (500 mA/DIV)
PGOOD (5 V/DIV)
Time (50 µs/DIV)
IINDUCTOR
(0.5 A/DIV)
VOUT Ripple
(5 mV/DIV)
SW Node
(10 V/DIV)
Time (1 ms/DIV)
VOUT (2 V/DIV)
IINDUCTOR (1 A/DIV)
PGOOD (5 V/DIV)
Time (2 µs/DIV)
IINDUCTOR
(2 A/DIV)
VOUT Ripple
(5 mV/DIV)
SW Node
(10 V/DIV)
Time (2 µs/DIV)
IINDUCTOR
(2 A/DIV)
VOUT Ripple
(5 mV/DIV)
SW Node
(10 V/DIV)
38
LM46002
SNVSA13C – APRIL 2014 – REVISED APRIL 2019
www.ti.com
Product Folder Links: LM46002
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Please refer to Table 2 for bill of materials for each VOUT and FS combination. Unless otherwise stated, application
performance curves were taken at TA = 25 °C.
VOUT = 3.3 V
FS = 500 kHz
IOUT = 2 A
Figure 89. Switching Waveform in CCM Operation
VOUT = 3.3 V
FS = 500 kHz
IOUT = 130 mA
Figure 90. Switching Waveform in DCM Operation
VOUT = 3.3 V
FS = 500 kHz
IOUT = 5 mA
Figure 91. Switching Waveform in PFM Operation
VIN = 24 V
VOUT = 3.3 V
RLOAD = 1.65 Ω
Figure 92. Startup Into Full Load with Internal Soft-Start
Rate
VIN = 24 V
VOUT = 3.3 V
RLOAD = 3.3 Ω
Figure 93. Startup Into Half Load with Internal Soft-Start
Rate
VIN = 24 V
VOUT = 3.3 V
RLOAD = 33 Ω
Figure 94. Startup Into 100 mA with Internal Soft-Start Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com