Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM46002PWPRG4 Datasheet(PDF) 40 Page - Texas Instruments

Part # LM46002PWPRG4
Description  LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46002PWPRG4 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM46002PWPRG4 Datasheet HTML 36Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 37Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 38Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 39Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 40Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 41Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 42Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 43Page - Texas Instruments LM46002PWPRG4 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
SW
VIN
PGND
PGND
CIN
VIN
COUT
VOUT
L
High di/dt
current
BUCK
CONVERTER
40
LM46002
SNVSA13C – APRIL 2014 – REVISED APRIL 2019
www.ti.com
Product Folder Links: LM46002
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
9 Power Supply Recommendations
The LM46002 is designed to operate from an input voltage supply range between 3.5 V and 60 V. This input
supply must be able to withstand the maximum input current and maintain a voltage above 3.5 V. The resistance
of the input supply rail must be low enough that an input current transient does not cause a high enough drop at
the LM46002 supply voltage that can cause a false UVLO fault triggering and system reset.
If the input supply is located more than a few inches from the LM46002 additional bulk capacitance may be
required in addition to the ceramic bypass capacitors. The amount of bulk capacitance is not critical, but a 47-µF
or 100-µF electrolytic capacitor is a typical choice.
10 Layout
The performance of any switching converter depends as much upon the layout of the PCB as the component
selection. The following guidelines will help users design a PCB with the best power conversion performance,
thermal performance, and minimized generation of unwanted EMI.
10.1 Layout Guidelines
1. Place ceramic high frequency bypass CIN as close as possible to the LM46002 VIN and PGND pins.
Grounding for both the input and output capacitors must consist of localized top side planes that connect to
the PGND pins and PAD.
2. Place bypass capacitors for VCC and BIAS close to the pins and ground the bypass capacitors to device
ground.
3. Minimize trace length to the FB pin. Both feedback resistors, RFBT and RFBB should be located close to the
FB pin. Place CFF directly in parallel with RFBT. If VOUT accuracy at the load is important, make sure VOUT
sense is made at the load. Route VOUT sense path away from noisy nodes and preferably through a layer on
the other side of a shieldig layer.
4. Use ground plane in one of the middle layers as noise shielding and heat dissipation path.
5. Have a single point ground connection to the plane. Route the ground connections for the feedback, soft
start, and enable components to the ground plane. This prevents any switched or load currents from flowing
in the analog ground traces. If not properly handled, poor grounding can result in degraded load regulation or
erratic output voltage ripple behavior.
6. Make VIN, VOUT and ground bus connections as wide as possible. This reduces any voltage drops on the
input or output paths of the converter and maximizes efficiency.
7. Provide adequate device heat sinking. Use an array of heat-sinking vias to connect the exposed pad to the
ground plane on the bottom PCB layer. If the PCB has multiple copper layers, these thermal vias can also be
connected to inner layer heat-spreading ground planes. Ensure enough copper area is used for heat sinking
to keep the junction temperature below 125°C.
10.1.1 Compact Layout for EMI Reduction
Radiated EMI is generated by the high di/dt components in pulsing currents in switching converters. The larger
area covered by the path of a pulsing current, the more electromagnetic emission is generated. The key to
minimize radiated EMI is to identify the pulsing current path and minimize the area of the path. In Buck
converters,the pulsing current path is from the VIN side of the input capacitors to HS switch, to the LS switch, and
then return to the ground of the input capacitors, as shown in Figure 100.
Figure 100. Buck Converter High di / dt Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com