Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 108 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 108 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLE:P-TR Datasheet HTML 104Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 105Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 106Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 107Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 108Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 109Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 110Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 111Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 112Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
108
Rev.A9
03/07/2023
8.24 ENTER DEEP POWER DOWN (DP, B9h)
The Deep Power-down (DP) instruction is for setting the device on the minimizing the power consumption (enter
into Power-down mode). During this mode, standby current is reduced from Isb1 to Isb2. While in the Power-down
mode, the device is not active and all Write/Program/Erase instructions are ignored. The instruction is initiated by
driving the CE# pin low and shifting the instruction code into the device. The CE# pin must be driven high after the
instruction has been latched, or Power-down mode will not engage. Once CE# pin driven high, the Power-down
mode will be entered within the time duration of tDP. While in the Power-down mode only the Release from Power-
down/RDID instruction, which restores the device to normal operation, will be recognized. All other instructions are
ignored, including the Read Status Register instruction which is always available during normal operation. Ignoring
all but one instruction makes the Power Down state a useful condition for securing maximum write protection. It is
available in both SPI and QPI mode.
Figure 8.55 Enter Deep Power Down Mode Sequence In SPI Mode
Instruction = B9h
CE #
SCK
SI
0
1
2
3
4
5
6
7
Mode 3
Mode 0
tDP
SO
High Impedance
Figure 8.56 Enter Deep Power Down Mode Sequence In QPI Mode
B9h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0
tDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com