Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 45 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 45 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLE:P-TR Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 49Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
45
Rev.A9
03/07/2023
Table 7.2 PPB/DYB and Sector/Block mapping when Block Size is 64KB (TBPARM = 1)
Memory
Density
PPB
Group
DYB
Group
Block No.
(64Kbyte)
Sector No.
Sector
Size
(Kbyte)
Address Range
PPB 0
DYB 0
Block 0
Sector 0
4
000000h - 000FFFh
:
:
:
:
:
:
:
:
:
:
PPB 15
DYB 15
Sector 15
4
00F000h - 00FFFFh
PPB 16
DYB 16
Block 1
Sector 16
4
010000h - 010FFFh
:
:
:
:
:
:
:
:
:
:
PPB 31
DYB 31
Sector 31
4
01F000h - 01FFFFh
PPB 32
DYB 32
Block 2
Sector 32
4
020000h - 020FFFh
:
:
:
:
:
:
Sector 47
4
02F000h - 02FFFFh
:
:
:
:
:
:
PPB 284
DYB 284
Block 254
Sector 4064
4
FE0000h
– FE0FFFh
:
:
:
:
:
:
Sector 4079
4
FEF000h
– FEFFFFh
PPB 285
DYB 285
Block 255
Sector 4080
4
FF0000h
– FF0FFFh
:
:
:
:
:
:
Sector 4095
4
FFF000h
– FFFFFFh
:
:
:
:
:
:
PPB 540
DYB 540
Block 510
Sector 8160
4
1FE0000h
– 1FE0FFFh
:
:
:
:
:
:
Sector 8175
4
1FEF000h
– 1FEFFFFh
PPB 541
DYB 541
Block 511
Sector 8176
4
1FF0000h
– 1FF0FFFh
:
:
:
:
:
:
Sector 8191
4
1FFF000h
– 1FFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com