Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 57 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 57 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLE:P-TR Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 60Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 61Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
57
Rev.A9
03/07/2023
Instruction
Name
Operation
Mode
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
FRDTR
Fast Read
DTR Mode
(3-byte Address)
SPI
QPI
0Dh
A
<23:16>
A
<15:8>
A
<7:0>
Dummy(1)
Byte
Dual
Data out
FRDTR
Fast Read
DTR Mode
(4-byte Address)
SPI
QPI
0Dh
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
Dummy(1)
Byte
Dual
Data out
4FRDTR
4-byte Address
Fast Read
DTR Mode
SPI
QPI
0Eh
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
Dummy(1)
Byte
Dual
Data out
FRDDTR
Fast Read
Dual I/O DTR
(3-byte Address)
SPI
BDh
A
<23:16>
Dual
A
<15:8>
Dual
A
<7:0>
Dual
AXh(1), (2)
Dual
Dual
Data out
FRDDTR
Fast Read
Dual I/O DTR
(4-byte Address)
SPI
BDh
A
<31::24>
A
<23:16>
Dual
A
<15:8>
Dual
A
<7:0>
Dual
AXh(1), (2)
Dual
Dual
Data out
4FRDDTR
4-byte Address
Fast Read
Dual I/O DTR
SPI
BEh
A
<31::24>
A
<23:16>
Dual
A
<15:8>
Dual
A
<7:0>
Dual
AXh(1), (2)
Dual
Dual
Data out
FRQDTR
Fast Read
Quad I/O DTR
(3-byte Address)
SPI
QPI
EDh
A
<23:16>
A
<15:8>
A
<7:0>
AXh(1), (2)
Quad
Quad
Data out
FRQDTR
Fast Read
Quad I/O DTR
(4-byte Address)
SPI
QPI
EDh
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
AXh(1), (2)
Quad
Quad
Data out
4FRQDTR
4-byte Address
Fast Read
Quad I/O DTR
SPI
QPI
EEh
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
AXh(1), (2)
Quad
Quad
Data out
PP
Input Page
Program
(3-byte Address)
SPI
QPI
02h
A
<23:16>
A
<15:8>
A
<7:0>
PD
(256byte)
PP
Input Page
Program
(4-byte Address)
SPI
QPI
02h
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
PD
(256byte)
4PP
4-byte Address
Input Page
Program
SPI
QPI
12h
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
PD
(256byte)
PPQ
Quad Input
Page Program
(3-byte Address)
SPI
32h/38h
A
<23:16>
A
<15:8>
A
<7:0>
Quad PD
(256byte)
PPQ
Quad Input
Page Program
(4-byte Address)
SPI
32h/38h
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
Quad PD
(256byte)
4PPQ
4-byte Address
Quad Input
Page Program
SPI
34h/3Eh
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
Quad PD
(256byte)
SER
Sector Erase
(3-byte Address)
SPI
QPI
D7h/20h
A
<23:16>
A
<15:8>
A
<7:0>
SER
Sector Erase
(4-byte Address)
SPI
QPI
D7h/20h
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
4SER
4-byte Address
Sector Erase
SPI
QPI
21h
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com