Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 24 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 24 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLE:P-TR Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 28Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
24
Rev.A9
03/07/2023
Table 6.3 Instructions requiring WREN instruction ahead
Instructions must be preceded by the WREN instruction
Name
Hex Code
Operation
PP
02h
Serial Input Page Program (3-byte or 4-byte Address)
4PP
12h
Serial Input Page Program (4-byte Address)
PPQ
32h/38h
Quad Input Page Program (3-byte or 4-byte Address)
4PPQ
34h/3Eh
Quad Input Page Program (4-byte Address)
SER
D7h/20h
Sector Erase 4KB (3-byte or 4-byte Address)
4SER
21h
Sector Erase 4KB (4-byte Address)
BER32 (32KB)
52h
Block Erase 32KB (3-byte or 4-byte Address)
4BER32 (32KB)
5Ch
Block Erase 32KB (4-byte Address)
BER64 (64KB)
D8h
Block Erase 64KB (3-byte or 4-byte Address)
4BER64 (64KB)
DCh
Block Erase 64KB (4-byte Address)
CER
C7h/60h
Chip Erase
WRSR
01h
Write Status Register
WRFR
42h
Write Function Register
SRPNV
65h
Set Read Parameters (Non-Volatile)
SRPV(1)
63h
Set Read Parameters (Volatile)
SERPNV
85h
Set Extended Read Parameters (Non-Volatile)
SERPV
83h
Set Extended Read Parameters (Volatile)
IRER
64h
Erase Information Row
IRP
62h
Program Information Row
WRABR
15h
Write AutoBoot Register
WRBRNV
18h
Write Non-Volatile Bank Address Register
WRBRV(1)
C5h
Write Volatile Bank Address Register
WRDYB
FBh
Write DYB Register (4-byte Address)
4WRDYB
E1h
Write DYB Register (3-byte or 4-byte Address)
PGPPB
FDh
Write PPB (3-byte or 4-byte Address)
4PGPPB
E3h
Write PPB (4-byte Address)
ERPPB
E4h
Erase PPB
PGASP
2Fh
Program ASP
WRPLB
A6h
Write PPB Lock Bit
SFRZ
91h
Set FREEZE bit
GBLK
7Eh
GANG Sector/Block Lock
GBUN
98h
GANG Sector/Block Unlock
PGPWD
E8h
Program Password
PNVDLR
43h
Program Non-Volatile Data Learning Pattern Register
WRVDLR
4Ah
Program Volatile Data Learning Pattern Register
WRECC
B5h
Write ECC Register
Notes:
1. C0h command for SRPV operation and 17h command for WRBRV operation do not require WREN command ahead.
BP3, BP2, BP1, BP0 bits: The Block Protection (BP3, BP2, BP1 and BP0) bits are used to define the portion of
the memory area to be protected. Refer to Table 6.4 for the Block Write Protection (BP) bit settings. When a defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com