Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 43 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 43 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLE:P-TR Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 47Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
43
Rev.A9
03/07/2023
7.2.2 ADVANCED SECTOR/BLOCK PROTECTION (ASP)
There are two ways to implement software Advanced Sector/Block Protection on this device: Password Protection
method or Persistent Protection methods. Through these two protection methods, user can disable or enable the
programming or erasing operation to any or all blocks including 32 top 4K sectors or 32 bottom 4K sectors when
block size is 64KB. When block size is uniform 256KB, there will be no 32 4KB parameter blocks.
The Figure 7.1 shows an overview of these methods
Every main flash array block/top sector/bottom sector has a non-volatile (PPB) and a volatile (DYB) protection bit
associated with it. When either bit is 0, the sector is protected from program and erase operations.
The PPB bits are protected from program and erase when the PPB Lock bit is
“0”. The PPB bits are erased so that
all main flash array sectors are unprotected when shipped from factory.
There are two methods for managing the state of the PPB Lock bit, Persistent Protection and Password Protection.
The Persistent Protection Mode sets the PPB Lock bit to
“1” during power up or Hardware Reset so that the PPB
bits are unprotected. There is a WRPLB command to clear the PPB Lock bit to
“0” to protect the PPB bits. There
is no command in the Persistent Protection method to set the PPB Lock bit therefore the PPB Lock bit will remain
at
“0” until the next power up or Hardware Reset. The Persistent Protection method allows boot code the option of
changing sector protection by programming or erasing the PPB, then protecting the PPB from further change for
the remainder of normal system operation by clearing the PPB Lock bit. This is sometimes called Boot-code
controlled sector protection.
The Password Protection Mode requires use of a password to control PPB protection. In the Password Protection
Mode, the PPB Lock bit is cleared
to “0” during power up or Hardware Reset to protect the PPB bits. A 64-bit
password may be permanently programmed and hidden for the Password Protection Mode. The UNPWD command
can be used to provide a password for comparison with the hidden password. If the password matches the PPB
Lock bit is set to “1” to unprotect the PPB. The WRPLB command can be used to clear the PPB Lock bit to “0”.
After cleaning the PPB Lock bit to “0” with WRPLB command, H/W reset (or Power cycle) is required to use
UNPWD command again to unprotect the PPB.
The selection of the PPB Lock bit management method is made by programming OTP bits in the ASP Register so
as to permanently select the method used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com