Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 14 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 14 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLE:P-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 18Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
14
Rev.A9
03/07/2023
5. SYSTEM CONFIGURATION
The memory array is divided into uniform 4 Kbyte sectors or uniform 32/64 Kbyte blocks (a block consists of
eight/sixteen adjacent sectors respectively).
Also optional uniform 32/256 Kbyte blocks are available with 512B page size. See ordering table for more detail
information.
Table 5.1 illustrates the memory map of the device. The Status Register controls how the memory is protected.
5.1 BLOCK/SECTOR ADDRESSES
Table 5.1 Block/Sector Addresses (Block Size = 32KB/64KB)
Memory
Density
Block No.
(64Kbyte)
Block No.
(32Kbyte)
Sector No.
Sector Size
(Kbyte)
Address Range
Block 0
Block 0
Sector 0
4
000000h - 000FFFh
:
:
:
Block 1
:
:
:
Sector 15
4
00F000h - 00FFFFh
Block 1
Block 2
Sector 16
4
010000h - 010FFFh
:
:
:
Block 3
:
:
:
Sector 31
4
01F000h - 01FFFFh
Block 2
Block 4
Sector 32
4
020000h - 020FFFh
:
:
:
Block 5
:
:
:
Sector 47
4
02F000h - 02FFFFh
:
:
:
:
:
Block 254
Block 508
Sector 4064
4
FE0000h
– FE0FFFh
:
:
:
Block 509
:
:
:
Sector 4079
4
FEF000h
– FEFFFFh
Block 255
Block 510
Sector 4080
4
FF0000h
– FF0FFFh
:
:
:
Block 511
:
:
:
Sector 4095
4
FFF000h
– FFFFFFh
:
:
:
:
:
Block 510
Block 1020
Sector 8160
4
1FE0000h
– 1FE0FFFh
:
:
:
Block 1021
:
:
:
Sector 8175
4
1FEF000h
– 1FEFFFFh
Block 511
Block 1022
Sector 8176
4
1FF0000h
– 1FF0FFFh
:
:
:
Block 1023
:
:
:
Sector 8191
4
1FFF000h
– 1FFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com