Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99PM62GXP Datasheet(PDF) 49 Page - STMicroelectronics

Part # L99PM62GXP
Description  Power management IC with LIN and high speed CAN
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62GXP Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L99PM62GXP Datasheet HTML 45Page - STMicroelectronics L99PM62GXP Datasheet HTML 46Page - STMicroelectronics L99PM62GXP Datasheet HTML 47Page - STMicroelectronics L99PM62GXP Datasheet HTML 48Page - STMicroelectronics L99PM62GXP Datasheet HTML 49Page - STMicroelectronics L99PM62GXP Datasheet HTML 50Page - STMicroelectronics L99PM62GXP Datasheet HTML 51Page - STMicroelectronics L99PM62GXP Datasheet HTML 52Page - STMicroelectronics L99PM62GXP Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
L99PM62GXP
Electrical specifications
Doc ID 17639 Rev 4
49/102
5.5.2
Oscillator
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 4.5 V < VS < 28 V; all outputs open; Tj = -40 °C to 130 °C, unless
otherwise specified.
5.5.3
Power-on reset (VS)
All outputs open; Tj = -40°C to 130°C, unless otherwise specified.
5.5.4
Voltage regulator V1
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 4.5 V < VS < 28 V; Tj = -40 °C to 130 °C, unless otherwise specified.
Table 14.
Oscillator
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
FCLK
Oscillation frequency
0.80
1.0
1.35
MHz
Table 15.
Power-on reset (Vs)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VPOR
VPOR threshold
Vs increasing
3.45
4.5
V
VPOR
VPOR threshold
Vs decreasing(1)
1.
This threshold is valid if Vs had already reached 7V previously
2.65
3.5
V
Table 16.
Voltage regulator V1
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
V1
Output voltage
5.0
V
V1
Output voltage tolerance
Active mode
ILOAD1 = 4 mA to 100 mA;
VS = 13.5 V
-2
+2
%
Vhc1
Output voltage tolerance
active mode, high current
ILOAD1 = 100 mA to 250 mA;
VS = 13.5 V
-3
+3
%
ILOAD1 = 250 mA;
VS = 13.5 V
-5
+5
%
VSTB1
Output voltage tolerance
V1-standby mode
ILOAD1 = 0 µA to 4 mA;
VS = 13.5 V
-2
+4
%
VDP1
Drop-out voltage
ILOAD1 = 50 mA; VS = 5 V
0.2
0.4
V
ILOAD1 = 100 mA; VS = 4.5 V
0.2
0.5
V
ILOAD1 = 100 mA; VS = 5 V
0.3
0.5
V
ILOAD1 = 150 mA; VS = 4.5 V
0.45
0.6
V
ILOAD1 = 150 mA; VS = 5.0 V
0.45
0.6
V
ICC1
Output current in active mode
Max. continuous load current
250
mA
ICCmax1 Short circuit output current
Current limitation
340
600
900
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com