Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99PM62GXP Datasheet(PDF) 79 Page - STMicroelectronics

Part # L99PM62GXP
Description  Power management IC with LIN and high speed CAN
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62GXP Datasheet(HTML) 79 Page - STMicroelectronics

Back Button L99PM62GXP Datasheet HTML 75Page - STMicroelectronics L99PM62GXP Datasheet HTML 76Page - STMicroelectronics L99PM62GXP Datasheet HTML 77Page - STMicroelectronics L99PM62GXP Datasheet HTML 78Page - STMicroelectronics L99PM62GXP Datasheet HTML 79Page - STMicroelectronics L99PM62GXP Datasheet HTML 80Page - STMicroelectronics L99PM62GXP Datasheet HTML 81Page - STMicroelectronics L99PM62GXP Datasheet HTML 82Page - STMicroelectronics L99PM62GXP Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 102 page
background image
L99PM62GXP
ST SPI
Doc ID 17639 Rev 4
79/102
The <SPI-frame-ID> (ROM address 3EH) provides information about the register width (1,
2, 3 bytes) and the availability of ‘Burst Mode Read’ and watchdog.
BR:burst-mode read (1 = burst-mode read is supported)
WD:watchdog (1 = available, 0 = not available)
32-bit, 24-bit, 16-bit: width of SPI frame (see table below)
<Burst Mode>:not supported
<Watchdog>:available
<Frame Width>:24 bit
6.2
SPI registers
6.2.1
Overview
Overview command byte
Table 71.
SPI-frame-ID
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
01000
0
1
0
BR
WD
X
X
X
32-bit
24-bit
16-bit
Table 72.
SPI register: command byte
Read/write
Address
xx
xxxx
xx
Table 73.
SPI register: mode selection
Read/write
Mode selection
00
Write
01
Read
1
0
Read and clear
1
1
Read device info
Table 74.
SPI register: CTRL register selection
CTRL register 1…6
CTRL register selection
000001
CTRL register1
000010
CTRL register2
000011
CTRL register3
000100
CTRL register4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com