Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99PM62GXP Datasheet(PDF) 18 Page - STMicroelectronics

Part # L99PM62GXP
Description  Power management IC with LIN and high speed CAN
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62GXP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L99PM62GXP Datasheet HTML 14Page - STMicroelectronics L99PM62GXP Datasheet HTML 15Page - STMicroelectronics L99PM62GXP Datasheet HTML 16Page - STMicroelectronics L99PM62GXP Datasheet HTML 17Page - STMicroelectronics L99PM62GXP Datasheet HTML 18Page - STMicroelectronics L99PM62GXP Datasheet HTML 19Page - STMicroelectronics L99PM62GXP Datasheet HTML 20Page - STMicroelectronics L99PM62GXP Datasheet HTML 21Page - STMicroelectronics L99PM62GXP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
Detailed description
L99PM62GXP
18/102
Doc ID 17639 Rev 4
Interrupt
The interrupt signal (linked to RxDL/NINT internally) indicates a wake-up event from V1
standby mode. In case of a wake-up by Wake-up Inputs, activity on LIN or CAN, SPI access
or timer-interrupt the NINT pin is pulled low for 56 µs.
In case of V1 standby mode and (IV1 > Icmp), the device remains in standby mode, the V1
regulator switches to high current mode and the watchdog starts. No Interrupt signal is
generated.
2.2.4
VBAT standby mode
The transition from active mode to VBAT standby mode is initiated by an SPI command.
In VBAT standby mode, the V1 voltage regulator, relay outputs, LIN and CAN transmitters are
switched off. High-side outputs and the V2 regulator remain in the configuration
programmed prior to the standby command.
In VBAT standby mode the current consumption of the L99PM62GXP is reduced to a
minimum level.
Note:
Inputs TXDL, TXDC and CSN must be terminated to GND in VBAT standby to achieve
minimum standby current.
This can be achieved with the internal ESD protection diodes of the microcontroller
(microcontroller is not supplied in this mode; V1 is pulled to GND).
2.2.5
Wake up from standby modes
A wake-up from standby mode switches the device to active mode. This can be initiated by
one or more of the following events:
To prevent the system from a deadlock condition (no wake up possible) a configuration
where the periodic timer interrupt and wake up by LIN and HS CAN are disabled, is not
Table 3.
Wake up sources
Wake up source
Description
LIN bus activity
Can be disabled by SPI
CAN bus activity
Can be disabled by SPI
Level change of WU1 - 3
Can be individually configured or disabled by SPI
IV1 > Icmp
Device remains in V1 standby mode but watchdog is enabled (If
Icmp = 0) and the V1 regulator goes into high current mode (increased
current consumption). No interrupt is generated.
Timer interrupt / wake up
of µC by TIMER
Programmable by SPI
–V1 standby mode: device wakes up and Interrupt signal is generated
at RxDL/NINT when programmable time-out has elapsed
–VBAT standby mode: device wakes up, V1 regulator is turned on and
NReset signal is generated when programmable time-out has elapsed
SPI access
Always active (except in VBAT standby mode)
Wake up event: CSN is low and first rising edge on CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com