Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99PM62GXP Datasheet(PDF) 92 Page - STMicroelectronics

Part # L99PM62GXP
Description  Power management IC with LIN and high speed CAN
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62GXP Datasheet(HTML) 92 Page - STMicroelectronics

Back Button L99PM62GXP Datasheet HTML 88Page - STMicroelectronics L99PM62GXP Datasheet HTML 89Page - STMicroelectronics L99PM62GXP Datasheet HTML 90Page - STMicroelectronics L99PM62GXP Datasheet HTML 91Page - STMicroelectronics L99PM62GXP Datasheet HTML 92Page - STMicroelectronics L99PM62GXP Datasheet HTML 93Page - STMicroelectronics L99PM62GXP Datasheet HTML 94Page - STMicroelectronics L99PM62GXP Datasheet HTML 95Page - STMicroelectronics L99PM62GXP Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
ST SPI
L99PM62GXP
92/102
Doc ID 17639 Rev 4
Table 94.
Control register 6, bits
Bit
Name
Comment
15
RES
Reserved; must be set to zero
14
PWM4_
Off_DC_6
13
PWM4_
Off_DC_5
PWM4
OFF_
DC_6
PWM4
OFF_
DC_5
PWM4
OFF_
DC_4
PWM4
OFF_
DC_3
PWM4
OFF_
DC_2
PWM4
OFF_
DC_1
PWM4
OFF_
DC_0
PWM4 duty cycle
12
PWM4_
Off_DC_4
1
1111
11
0%, HS OFF
11
PWM4_
Off_DC_3
...
10
PWM4_
Off_DC_2
0
0000
10
98.5%
9
PWM4_
Off_DC_1
0
0000
01
99.25%
8
PWM4_
Off_DC_0
0
0000
00
100% HS ON
7
RES
Reserved; must be set to zero
6
PWM3_
ON_DC_6
5
PWM3_
ON_DC_5
PWM3
ON_
DC_6
PWM3
ON_
DC_5
PWM3
ON_
DC_4
PWM3
ON_
DC_3
PWM3
ON_
DC_2
PWM3
ON_
DC_1
PWM3
ON_
DC_0
PWM3 duty cycle
4
PWM3_
ON_DC_4
1
1111
11
100%, HS ON
3
PWM3_
ON_DC_3
...
2
PWM3_
ON_DC_2
0
0000
10
1.5%
1
PWM3_
ON_DC_1
0
0000
01
0.75%
0
PWM3_
ON_DC_0
0
0000
00
0% HS OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com