Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99PM72GXP Datasheet(PDF) 47 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 43Page - STMicroelectronics L99PM72GXP Datasheet HTML 44Page - STMicroelectronics L99PM72GXP Datasheet HTML 45Page - STMicroelectronics L99PM72GXP Datasheet HTML 46Page - STMicroelectronics L99PM72GXP Datasheet HTML 47Page - STMicroelectronics L99PM72GXP Datasheet HTML 48Page - STMicroelectronics L99PM72GXP Datasheet HTML 49Page - STMicroelectronics L99PM72GXP Datasheet HTML 50Page - STMicroelectronics L99PM72GXP Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 129 page
background image
DocID024767 Rev 4
47/129
L99PM72GXP
Protection and diagnosis
128
In case of overload or overtemperature (TSD1) condition, the drivers switch off. The
according status bit is latched and can be read and optionally cleared by SPI. The drivers
remain off until the status is cleared.
In case VS overvoltage or undervoltage condition, the drivers are switched off. The
according status bit is latched and can be read and optionally cleared by SPI. If the
VLOCK_OUT_EN bit (Control Register 4) is set to ‘1’ the drivers remain off until the status is
cleared. If the VLOCK_OUT_EN bit is set to ‘0’ the drivers are switched on automatically if
the error condition disappears.
With the LS_OV/UV_shutdown_en bit (Control Register 4) the drivers can be excluded from
a switch off in case of VS overvoltage or undervoltage. If the bit is set to ‘1’ the driver
switches off, otherwise the drivers remain on.
3.5
SPI diagnosis
Digital diagnosis features are provided by SPI (for details please refer to Section 6.2: SPI
registers)
•
V1 reset threshold programmable
•
Overtemperature including. pre warning
•
Open load separately for each output stage except REL1/REL2
•
Overload status separately for each output stage
•
VS-supply overvoltage/undervoltage
•
V1 and V2 fail bit
•
V2 output short to GND
•
Status of the WU1...3
•
Wake-up sources (CAN, LIN, SPI, Timer, WU1…3)
•
Chip reset bit (start from power-on reset)
•
Number of unsuccessful V1 restarts after thermal shutdown
•
Number of sequential watchdog failures
•
LIN diagnosis (permanent recessive/dominant, dominant TxD)
•
CAN diagnosis (permanent recessive/dominant, dominant TxD, recessive RXD)
•
Device State (wake-up from V1_standby or Vbat_standby)
•
Forced Vbat_standby after WD-fail, forced Vbat_standby after overtemperature
•
Watchdog timer state (diagnosis of watchdog)
•
Failsafe status
•
SPI communication error
•
Diagnosis of selective wake functionality according to ISO 11898-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com