Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99PM72GXP Datasheet(PDF) 88 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 88 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 84Page - STMicroelectronics L99PM72GXP Datasheet HTML 85Page - STMicroelectronics L99PM72GXP Datasheet HTML 86Page - STMicroelectronics L99PM72GXP Datasheet HTML 87Page - STMicroelectronics L99PM72GXP Datasheet HTML 88Page - STMicroelectronics L99PM72GXP Datasheet HTML 89Page - STMicroelectronics L99PM72GXP Datasheet HTML 90Page - STMicroelectronics L99PM72GXP Datasheet HTML 91Page - STMicroelectronics L99PM72GXP Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 129 page
background image
ST SPI
L99PM72GXP
88/129
DocID024767 Rev 4
6.2.2
O
verview control register
100010
CTRL Register34
100011
CTRL Register35
111111
Configuration Register
Table 75. SPI register: STAT register selection
STAT register. 1…3
STAT register selection
010001
STAT register1
010010
STAT register2
010011
STAT register3
010100
STAT Register4
010101
STAT Register5
Table 74. SPI register: CTRL register selection (continued)
CTRL register 1…6
CTRL register selection
Table 76. Overview of control register data bytes
1st data byte <15:8>
2nd data byte <7:0>
Control register 1, data
Default
0
0
000
000
000
000
00
Function
V2
V2
Trig
Group
HS control
LS Output, V2 and mode control
Control register 2, data
Default
0
0
000
000
000
001
11
Function
Reserved
Group
Wake-up control
Wake-up control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com