Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99PM72GXP Datasheet(PDF) 86 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 86 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 82Page - STMicroelectronics L99PM72GXP Datasheet HTML 83Page - STMicroelectronics L99PM72GXP Datasheet HTML 84Page - STMicroelectronics L99PM72GXP Datasheet HTML 85Page - STMicroelectronics L99PM72GXP Datasheet HTML 86Page - STMicroelectronics L99PM72GXP Datasheet HTML 87Page - STMicroelectronics L99PM72GXP Datasheet HTML 88Page - STMicroelectronics L99PM72GXP Datasheet HTML 89Page - STMicroelectronics L99PM72GXP Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 129 page
background image
ST SPI
L99PM72GXP
86/129
DocID024767 Rev 4
The <ID-Header> (ROM address 00H) indicates the product family and specifies the highest
address which contains product information
<Family Identifier>: 01 Hex (BCD)
<Highest address>: 03 Hex
The <Product Code 1> (ROM address 02H) and <Product Code 2> (ROM address 03H)
represents a unique code to identify the product name.
<Product Code 1>: 4BHex
<Product Code 2>: 27 Hex
The <Silicon Version> (ROM address 01H) provides information about the silicon version
according to the table below:
The <SPI-frame-ID> (ROM address 3EH) provides information about the register width (1,
2, 3 bytes) and the availability of ‘Burst Mode Read’ and watchdog.
BR: Burst-Mode read (1 = Burst-Mode read is supported)
WD: Watchdog (1 = available, 0 = not available)
32-, 24-, 16-bit: width of SPI frame
Table 68. ID-header
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
1
000011
Family Identifier
Highest address containing device information
Table 69. Family identifier
Bit 7
Bit 6
Meaning
0
0
VIPower
0
1
BCD
1
0
VIPower hybrid
11
—
Table 70. Silicon version identifier
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Silicon version
Table 71. SPI-frame-ID
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
01000
0
1
0
BR
WD
X
X
X
32-bit
24-bit
16-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com