Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99PM72GXP Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 10Page - STMicroelectronics L99PM72GXP Datasheet HTML 11Page - STMicroelectronics L99PM72GXP Datasheet HTML 12Page - STMicroelectronics L99PM72GXP Datasheet HTML 13Page - STMicroelectronics L99PM72GXP Datasheet HTML 14Page - STMicroelectronics L99PM72GXP Datasheet HTML 15Page - STMicroelectronics L99PM72GXP Datasheet HTML 16Page - STMicroelectronics L99PM72GXP Datasheet HTML 17Page - STMicroelectronics L99PM72GXP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 129 page
background image
Detailed description
L99PM72GXP
14/129
DocID024767 Rev 4
2.1.3
Increased output current capability for voltage regulator V2
For applications, which require high output currents, the output current capability of the
regulator can be increased my means of the integrated operational amplifiers and an
external pass transistor.
Figure 3. Voltage source with external PNP
Figure 4. Voltage source with external PNP and current limitation
Figure 3 shows a possible configuration with a PNP pass element using Voltage Regulator 2
to provide the voltage reference for the regulated output voltage V3.
The VS operating range for this circuit is 5.5 V to 18 V. It is important respect the input
common mode range specified for the operational amplifiers.
The output voltage V3 can be calculated using the following formula (for R3 = R4):
V
3
V
2
2
-------
R
1
R
2
+
R
2
---------------------
V
[]
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com