Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL1203/BA Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVAL1203/BA
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL1203/BA Datasheet(HTML) 1 Page - STMicroelectronics

  EVAL1203/BA Datasheet HTML 1Page - STMicroelectronics EVAL1203/BA Datasheet HTML 2Page - STMicroelectronics EVAL1203/BA Datasheet HTML 3Page - STMicroelectronics EVAL1203/BA Datasheet HTML 4Page - STMicroelectronics EVAL1203/BA Datasheet HTML 5Page - STMicroelectronics EVAL1203/BA Datasheet HTML 6Page - STMicroelectronics EVAL1203/BA Datasheet HTML 7Page - STMicroelectronics EVAL1203/BA Datasheet HTML 8Page - STMicroelectronics EVAL1203/BA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
December 2006
Rev 4
1/30
30
TSA1203
Dual-channel 12-bit 40Msps 215mW A/D converter
Features
■ Low power consumption: 215 mW@40 Msps
■ Single supply voltage: 2.5 V
■ Independent supply for CMOS output stage
with 2.5 V/3.3 V capability
■ SFDR = -75 dBc @ Fin =10MHz
■ 1GHz analog bandwidth track-and-hold
■ Common clocking between channels
■ Dual simultaneous sample and hold inputs
■ Multiplexed binary word outputs
■ Built-in reference voltage with external bias
capability
Description
The TSA1203 is a new generation high-speed,
dual-channel analog-to-digital converter
implemented in a mainstream 0.25 µm CMOS
technology that offers high performance and very
low power consumption.
The TSA1203 is specifically designed for
applications requiring a very low noise floor, high
SFDR and good insulation between channels. It is
based on a pipeline structure and digital error
correction to provide high static linearity at
FS = 40 Msps, and Fin =10MHz.
Each channel has an integrated voltage reference
to simplify the design and minimize external
components. It is nevertheless possible to use the
circuit with external references.
The ADC binary word outputs are multiplexed in a
common bus with a small number of pins.
A tri-state capability is available for the outputs,
allowing chip selection. The inputs of the ADC
must be differentially driven.
The TSA1203 is available in extended
temperature range (-40° C to +85° C), in a small
48-pin TQFP package.
Applications
■ Medical imaging and ultrasound
■ 3G base station
■ I/Q signal processing applications
■ High-speed data acquisition systems
■ Portable instrumentation
D5
D6
D7
D8
D9
D10
D11(MSB)
AVCCB
index
corner
1
2
3
4
5
6
7
8
9
10
11
32
31
30
29
28
27
26
13
14 15
16
17
18 19
20
21
22
47
25
33
12
23
24
35
34
36
48
44 43
42
41
40
39
38 37
46
45
TSA1203
VCCBE
GNDBE
AGND
INI
AGND
AGND
IPOL
AGND
AGND
INBQ
INIB
AGND
INQ
D2
D3
D4
7x7mm TQFP48
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - EVAL1203/BA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
EVAL1ED3321MC12NTOBO1 INFINEON-EVAL1ED3321MC12NTOBO1 Datasheet
1Mb / 8P
EiceDRIVER™ F3 Enhanced (1ED332x) – Single- channel isolated gate driver family with short-circuit protection
February 2022
EVAL1ED3321MC12NTOBO1 INFINEON-EVAL1ED3321MC12NTOBO1 Datasheet
1Mb / 8P
EiceDRIVER™ F3 Enhanced (1ED332x) – Singlechannel isolated gate driver family with short-circuit protection
More results

Similar Description - EVAL1203/BA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSA1005 STMICROELECTRONICS-TSA1005 Datasheet
558Kb / 22P
DUAL-CHANNEL, 10-BIT, 20/40MSPS A/D CONVERTER
Jun-2003
TSA1203 STMICROELECTRONICS-TSA1203 Datasheet
488Kb / 20P
DUAL-CHANNEL, 12-BIT, 40MSPS, 230mW A/D CONVERTER
Feb-2003
logo
Sony Corporation
CXD1177Q SONY-CXD1177Q Datasheet
200Kb / 13P
8-bit 40MSPS YC 2-channel D/A Converter
CXD1178Q SONY-CXD1178Q Datasheet
233Kb / 15P
8-bit 40MSPS RGB 3-channel D/A Converter
logo
Intersil Corporation
HI1177 INTERSIL-HI1177 Datasheet
105Kb / 8P
8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
HI5746 INTERSIL-HI5746_04 Datasheet
826Kb / 16P
10-Bit, 40MSPS A/D Converter
July 2004
logo
STMicroelectronics
TSA1203 STMICROELECTRONICS-TSA1203_06 Datasheet
442Kb / 30P
Dual-channel 12-bit 40Msps 215mW A/D converter
12-Dec-2006
logo
Texas Instruments
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Renesas Technology Corp
HI5746 RENESAS-HI5746 Datasheet
738Kb / 16P
10-Bit, 40MSPS A/D Converter
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com