Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL1203/BA Datasheet(PDF) 4 Page - STMicroelectronics

Part # EVAL1203/BA
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL1203/BA Datasheet(HTML) 4 Page - STMicroelectronics

  EVAL1203/BA Datasheet HTML 1Page - STMicroelectronics EVAL1203/BA Datasheet HTML 2Page - STMicroelectronics EVAL1203/BA Datasheet HTML 3Page - STMicroelectronics EVAL1203/BA Datasheet HTML 4Page - STMicroelectronics EVAL1203/BA Datasheet HTML 5Page - STMicroelectronics EVAL1203/BA Datasheet HTML 6Page - STMicroelectronics EVAL1203/BA Datasheet HTML 7Page - STMicroelectronics EVAL1203/BA Datasheet HTML 8Page - STMicroelectronics EVAL1203/BA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Schematic diagram
TSA1203
4/30
1
Schematic diagram
Figure 1.
TSA1203 block diagram
Figure 2.
Timing diagram
Timing
Buffers
IPOL
CLK
+2.5V/3.3V
VINI
VINBI
OEB
VINCMI
GND
VINQ
VINBQ
VINCMQ
AD 12
I channel
AD 12
Q channel
12
12
12
12
M
U
X
REF I
REF Q
SELECT
VREFPI
VREFPQ
Polar.
VREFMI
VREFMQ
common mode
common mode
D0
TO
D11
VCCBE
GNDBE
N-1
N
N+1
N+6
N+7
N+2
N+5
N+3
N+4
N+8
CLK
Tpd I + Tod
N+9
N+10
N+11
N+12
N+13
DATA
OUTPUT
sample N+1
I channel
sample N
Q channel
sample N+1
Q channel
sample N+2
I channel
sample N+2
Q channel
sample N+3
I channel
OEB
Simultaneous sampling on
I/Q channels
SELECT
sample N-9
I channel
sample N-8
I channel
sample N-7
Q channel
sample N-6
Q channel
CLOCK AND SELECT CONNECTED TOGETHER
Tod
I
Q
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com