Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL1203/BA Datasheet(PDF) 23 Page - STMicroelectronics

Part # EVAL1203/BA
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL1203/BA Datasheet(HTML) 23 Page - STMicroelectronics

Back Button EVAL1203/BA Datasheet HTML 19Page - STMicroelectronics EVAL1203/BA Datasheet HTML 20Page - STMicroelectronics EVAL1203/BA Datasheet HTML 21Page - STMicroelectronics EVAL1203/BA Datasheet HTML 22Page - STMicroelectronics EVAL1203/BA Datasheet HTML 23Page - STMicroelectronics EVAL1203/BA Datasheet HTML 24Page - STMicroelectronics EVAL1203/BA Datasheet HTML 25Page - STMicroelectronics EVAL1203/BA Datasheet HTML 26Page - STMicroelectronics EVAL1203/BA Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
TSA1203
Application information
23/30
Caution:
Do not use the VB3 power supply (5 V) dedicated to the 74LCX573 external buffers to
supply the VB2 of the TSA1203 which cannot exceed 3.3 V.
8.7.2
Consumption adjustment
Before beginning characterization tests, make sure to adjust the Rpol (Raj1), and therefore
Ipol value, according to your sampling frequency.
8.7.3
Single and differential inputs
The test board can be driven on a single analog input, or on differential inputs. With a single
analog input, you must use the ADT1-1WT transformer to generate a differential signal. In
this configuration, the resistors RSI6, RSI7, RSI8 for channel I (respectively RSQ6, RSQ7,
RSQ8 for channel Q) are connected as short-circuits whereas RSI5, RSI9 (respectively
RSQ5, RSQ9 for channel Q) are open circuits.
Alternatively, you can use the JI1 and JI1B differential inputs. In this case, the resistances
RSI5, RSI9 for channel I (respectively RSQ5, RSQ9 for channel Q) are connected as short-
circuits whereas RSI6, RSI7, RSI8 (respectively RSQ6, RSQ7, RSQ8 for channel Q) are
open circuits.
8.7.4
Mode selection
In order to select the channel you want to evaluate, you must set a jumper on the board in
the relevant position for the SELECT pin (see Figure 31).
The channels selected depend on the position of the jumper:
●
With the jumper connected to the upper connectors, channel I at the output is selected.
●
With the jumper connected horizontally, channel Q at the output is selected.
●
With the jumper connected to the lower connectors, both channels are selected,
relative to the clock edge.
Figure 31. Mode selection
VB2
VCCBE
2.5/3.3
GB3
GNDB3
0
VB3
VCCB3
2.5
Table 14.
Board connections for power supplies and other pins (continued)
Board marking
Connection
Internal voltage (V)
External voltage (V)
SELECT
DVCC
DGND
CLK
I channel
Q channel
I/Q channels
SELECT
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com