Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL1203/BA Datasheet(PDF) 20 Page - STMicroelectronics

Part # EVAL1203/BA
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL1203/BA Datasheet(HTML) 20 Page - STMicroelectronics

Back Button EVAL1203/BA Datasheet HTML 16Page - STMicroelectronics EVAL1203/BA Datasheet HTML 17Page - STMicroelectronics EVAL1203/BA Datasheet HTML 18Page - STMicroelectronics EVAL1203/BA Datasheet HTML 19Page - STMicroelectronics EVAL1203/BA Datasheet HTML 20Page - STMicroelectronics EVAL1203/BA Datasheet HTML 21Page - STMicroelectronics EVAL1203/BA Datasheet HTML 22Page - STMicroelectronics EVAL1203/BA Datasheet HTML 23Page - STMicroelectronics EVAL1203/BA Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Application information
TSA1203
20/30
8.7
EVAL1203/BA evaluation board
The EVAL1203/BA is a 4-layer board with high decoupling and grounding level. The
schematic of the board is shown in Figure 30 and its top overlay view in Figure 29. The
board has been characterized with a fully devoted ADC test bench as shown in Figure 28.
All characterization measurements are made with:
■ SFSR=1 dB for static parameters,
■ SFSR=-1 dB for dynamic parameters.
Figure 28. Analog to digital converter characterization bench
Note:
The analog input signal must be filtered to be very pure. The dataready signal is the
acquisition clock of the logic analyzer. The ADC digital outputs are latched by the octal
buffers 74LCX573.
Figure 29. Evaluation board printed circuit
Sine Wave
Generator
HP8644
ADC
evaluation
board
Pulse
Generator
Logic
Analyzer
Sine Wave
Generator
HP8644
HP8133
Vin
Clk
Data
Clk
PC
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com