Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL1203/BA Datasheet(PDF) 16 Page - STMicroelectronics

Part # EVAL1203/BA
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL1203/BA Datasheet(HTML) 16 Page - STMicroelectronics

Back Button EVAL1203/BA Datasheet HTML 12Page - STMicroelectronics EVAL1203/BA Datasheet HTML 13Page - STMicroelectronics EVAL1203/BA Datasheet HTML 14Page - STMicroelectronics EVAL1203/BA Datasheet HTML 15Page - STMicroelectronics EVAL1203/BA Datasheet HTML 16Page - STMicroelectronics EVAL1203/BA Datasheet HTML 17Page - STMicroelectronics EVAL1203/BA Datasheet HTML 18Page - STMicroelectronics EVAL1203/BA Datasheet HTML 19Page - STMicroelectronics EVAL1203/BA Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Application information
TSA1203
16/30
8.2
References and common mode connection
VREFM must always be connected directly to ground externally for most applications.
8.2.1
Internal reference and common mode
In the default configuration, the ADC operates with its own reference and common mode
voltages generated by its internal bandgap. It is recommended to decouple the VREFP and
INCM pins in order to minimize low and high frequency noise (see Figure 23).
Figure 23. Internal reference and common mode setting
8.2.2
External reference and common mode
Each of the voltages VREFP, VREFM and INCM can be fixed externally to better fit the
application needs (refer to Table 5: Operating conditions on page 7 for min/max values). It is
possible to use an external reference voltage device for specific applications requiring even
better linearity, accuracy or enhanced temperature behavior.
The VREFP and VREFM voltages set the analog dynamic range at the input of the converter
that has a full scale amplitude of 2*(VREFP-VREFM).
The INCM voltage is half the value of VREFP-VREFM.
The best signal-to-noise performance is achieved with a dynamic range at its maximum
value. To obtain this, VREFM can be connected to GND, and VREFP can be set up to 1.5 V
maximum. However, signal to noise performance is a trade-off with the THD, with a
possibility of degraded THD under these conditions.
To obtain the highest performance from the TSA1203 device, we recommend implementing
the configuration shown in Figure 24 with the STMicroelectronics TS821 or TS4041-1.2
Vref.
TSA1203
VIN
VINB
VREFM
0.89V
VREFP
330pF
4.7
μF
10nF
INCM
330pF
4.7
μF
10nF
0.46V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com