Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H533CEU6XXX Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32H533CEU6XXX
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEU6XXX Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32H533CEU6XXX Datasheet HTML 67Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 68Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 69Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 70Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 71Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 72Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 73Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 74Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 231 page
background image
F6
17
17
23
32
L4
43
J5
PA7
I/O
FT_ah
-
TIM1_CH1N, TIM3_CH2, TIM8_CH1N,
SPI1_MOSI/I2S1_SDO, OCTOSPI1_IO2,
FMC_NWE, EVENTOUT
ADC12_INP7, ADC12_INN3
-
-
-
24
33
M3
44
K5
PC4
I/O
FT_a
-
TIM2_CH4, LPTIM2_ETR, I2S1_MCK,
USART3_RX, EVENTOUT
ADC12_INP4
-
-
-
25
34
M4
45
L5
PC5
I/O
FT_ah
-
TIM1_CH4N, PSSI_D15, SPI4_SCK,
OCTOSPI1_DQS, EVENTOUT
ADC12_INP8, ADC12_INN4
--
-
-
-
L6
-
G5
VDD
S
-
-
-
-
-
-
-
-
-
-
-
F7
VSS
S
-
-
-
-
G7
18
18
26
35
M5
46
M5
PB0
I/O
FT_ah
-
TIM1_CH2N, TIM3_CH3, TIM8_CH2N,
SPI3_MISO/I2S3_SDI, OCTOSPI1_IO1,
USART2_TX, UART4_CTS, EVENTOUT
ADC12_INP9, ADC12_INN5
G5
19
19
27
36
K5
47
J6
PB1
I/O
FT_ah
-
TIM1_CH3N, TIM3_CH4, TIM8_CH3N,
SPI3_SCK, SPI2_NSS/I2S2_WS,
OCTOSPI1_IO0, USART3_RX,
EVENTOUT
ADC12_INP5
-
20
20
28
37L548
K6
PB2
I/O
FT_ah
-
RTC_OUT2, TIM8_CH4N, SPI1_RDY,
LPTIM1_CH1, SPI2_SCK/I2S2_CK,
SPI3_MOSI/I2S3_SDO,
OCTOSPI1_CLK, OCTOSPI1_DQS,
SDMMC1_CMD, EVENTOUT
LSCO
-
-
-
-
-
-
49
L6
PF11
I/O
FT_ah
-
OCTOSPI1_NCLK,
DCMI_D12/PSSI_D12, EVENTOUT
ADC1_INP2
-
-
-
-
-
-
50
M6
PF12
I/O
FT_ah
-
FMC_A6, EVENTOUT
ADC1_INP6, ADC1_INN2
-
-
-
-
-
-
51
G6
VSS
S
-
-
-
-
--
-
-
-
-
52
G7
VDD
S
-
-
-
-
-
-
-
-
-
-
53
M7
PF13
I/O
FT_ah
-
FMC_A7, EVENTOUT
ADC2_INP2
Table 14. STM32H533xx pin/ball definition (continued)
Pin number(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com