Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H533CEU6XXX Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32H533CEU6XXX
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEU6XXX Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32H533CEU6XXX Datasheet HTML 70Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 71Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 72Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 73Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 74Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 75Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 76Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 77Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 231 page
background image
E1
28
28
36
54
L12
76
H9
PB15
I/O
FT_h
-
RTC_REFIN, TIM1_CH3N, TIM12_CH2,
TIM8_CH3N, USART1_RX,
SPI2_MOSI/I2S2_SDO,
SPI1_MOSI/I2S1_SDO, UART4_CTS,
OCTOSPI1_CLK, DCMI_D2/PSSI_D2,
UART5_RX, EVENTOUT
PVD_IN
-
-
-
-
55
K12
77
J10
PD8
I/O
FT_h
-
USART3_TX, FMC_D13/FMC_AD13,
EVENTOUT
-
-
-
-
-
56
J11
78
J11
PD9
I/O
FT_h
-
USART3_RX, FDCAN2_RX,
FMC_D14/FMC_AD14, EVENTOUT
-
-
-
-
-
57
J12
79
K12
PD10
I/O
FT_h
-
LPTIM2_CH2, USART3_CK,
FMC_D15/FMC_AD15, EVENTOUT
-
-
-
-
-
58
H10
80
G8
PD11
I/O
FT_h
-
LPTIM2_IN2,
USART3_CTS/USART3_NSS,
UART4_RX, OCTOSPI1_IO0,
FMC_A16/FMC_CLE, EVENTOUT
-
-
-
-
-
59
H11
81
H10
PD12
I/O
FT_fh
-
LPTIM1_IN1, TIM4_CH1, LPTIM2_IN1,
I3C1_SCL, USART3_RTS, UART4_TX,
OCTOSPI1_IO1, FMC_A17/FMC_ALE,
DCMI_D12/PSSI_D12, EVENTOUT
-
-
-
-
-
60
H12
82
J12
PD13
I/O
FT_fh
-
LPTIM1_CH1, TIM4_CH2, LPTIM2_CH1,
I3C1_SDA, OCTOSPI1_IO3, FMC_A18,
DCMI_D13/PSSI_D13, EVENTOUT
-
-
-
-
-
-
-
83
M1
VSS
S
-
-
-
-
--
-
-
-
-
84
-
VDD
S
-
-
-
-
-
-
-
-
61
G11
85
H11
PD14
I/O
FT_h
-
TIM4_CH3, FMC_D0/FMC_AD0,
EVENTOUT
-
Table 14. STM32H533xx pin/ball definition (continued)
Pin number(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com