Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H533CEU6XXX Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32H533CEU6XXX
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEU6XXX Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32H533CEU6XXX Datasheet HTML 76Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 77Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 78Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 79Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 80Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 81Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 82Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 83Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 231 page
background image
A5
39
39
55
89
A5
133
B5
PB3(JTDO/
TRACESWO)
I/O
FT_h
-
JTDO/TRACESWO, TIM2_CH2,
I3C2_SCL, I2C2_SDA,
SPI1_SCK/I2S1_CK,
SPI3_SCK/I2S3_CK, LPUART1_TX,
FDCAN2_TX, CRS_SYNC, UART5_TX,
EVENTOUT
-
A7
40
40
56
90
B5
134
A4
PB4
(NJTRST)
I/O
FT_h
(5)
NJTRST, TIM3_CH1, OCTOSPI1_CLK,
LPTIM1_CH2, SPI1_MISO/I2S1_SDI,
SPI3_MISO/I2S3_SDI,
SPI2_NSS/I2S2_WS, I2C3_SDA,
I3C2_SDA, DCMI_D7/PSSI_D7,
EVENTOUT
-
-
41
41
57
91
A4
135
E6
PB5
I/O
FT_h
-
TIM3_CH2, OCTOSPI1_NCLK,
I2C1_SMBA, SPI1_MOSI/I2S1_SDO,
USART6_TX, SPI3_MOSI/I2S3_SDO,
FDCAN2_RX, I3C2_SCL,
DCMI_D10/PSSI_D10, UART5_RX,
EVENTOUT
-
-
42
42
58
92
B4
136
B4
PB6
I/O
FT_f
-
TIM4_CH1, I3C1_SCL, I2C1_SCL,
HDMI_CEC, USART6_RX, USART1_TX,
LPUART1_TX, FDCAN2_TX,
OCTOSPI1_NCS, DCMI_D5/PSSI_D5,
UART5_TX, EVENTOUT
-
C3
43
43
59
93
C5
137
A3
PB7
I/O
FT_fa
-
TIM4_CH2, I3C1_SDA, I2C1_SDA,
SPI4_MISO,
USART6_CTS/USART6_NSS,
USART1_RX, LPUART1_RX,
FDCAN1_TX, FMC_NL,
DCMI_VSYNC/PSSI_RDY, EVENTOUT
WKUP5
B6
44
44
60
94
A3
138
C4
BOOT0
I
B
-
-
-
Table 14. STM32H533xx pin/ball definition (continued)
Pin number(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com