Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H533CEU6XXX Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32H533CEU6XXX
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEU6XXX Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32H533CEU6XXX Datasheet HTML 13Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 14Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 15Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 16Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 17Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 18Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 19Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 20Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 231 page
background image
DS14539 Rev 1
17/231
STM32H533xx
Description
17
Figure 1. STM32H533xx block diagram
Note:
PC[15:13] are in the VBAT domain.
MSv72393V2
@VBAT
USB FS
NJTRST, JTDI,
JTCK/SWCLK,
JTMS/SWDIO, JTDO
TRACECLK,
TRACED[3:0]
CLK, NE[4:1], NL, NBL[1:0],
A[25:0], D[15:0], NOE, NWE,
NWAIT, NCE, INT as AF
JTAG/ SW
MPU
ETM
NVIC
Arm Cortex-M33
250 MHz
TrustZone FPU
C-BUS
S-BUS
D[7:0], D[3:1]dir
CMD, CMDdir,CK, CKin
D0dir, D2dir
SDMMC1
GPDMA1
GPDMA2
GPIO port A
GPIO port B
GPIO port C
GPIO port D
GPIO port E
GPIO port F
GPIO port G
GPIO port H
EXT IT. WKP
PA[15:0]
PB[15:0]
PC[15:0]
PD[15:0]
PE[15:0]
PF[15:0]
PG[15:0]
PH[1:0]
16 AF
20xIN
@VDDA
ADC1
ITF
3 compl. channels
(TIM1_CH[1:3]N),
6 channels (TIM1_CH[1:4]),
ETR, BKIN, BKIN2 as AF
TIM1/PWM
16b
3 compl. channels
(TIM1_CH[1:3]N),
6 channels (TIM1_CH[1:4]),
ETR, BKIN, BKIN2 as AF
TIM8/PWM
16b
2 channels,
1 compl. channel, BKIN as AF
TIM15
16b
RX, TX, CK,CTS, RTS as AF
MOSI, MISO, SCK, NSS as
AF
SPI1/I2S1
smcard
irDA
USART1
AHB/APB2
AHB/APB1
CRC
AHB2 250 MHz
SRAM3 (64 Kbytes)
SRAM2 (80 Kbytes)
SRAM1 (128 Kbytes)
Flash memory
(up to 512 Kbytes)
OCTOSPI1 memory interface
Flexible memory controller (FMC):
SRAM, PSRAM, NOR Flash, FRAM, NAND Flash
IO[7:0], CLK, NCLK, NCS.
DQS as AF
RNG
HASH
DP
DM
D[15:0], CK, CMD as AF
DCMI/PSSI
@VDD
Power management
Voltage regulator LDO
3.3 to 1.2 V
VDD = 1.71 to 3.6 V
VSS
VDD
@VDD
Supply supervision
BOR
VDDIO, VDDUSB, VDDA,
VSSA, VDD, VSS, NRST
Reset
PVD, PVM
Int
@VDD
XTAL OSC
4- 50 MHz
IWDG
OSC_IN
OSC_OUT
Standby
interface
@VDD
HS64
CSI
LSI
PLL 1, 2, 3
Reset and clock control
TIM2
32b
TIM3
32b
TIM4
32b
TIM5
32b
smcard
irDA
UART4
UART5
SPI2/I2S2
I2C1/SMBUS
I2C2/SMBUS
FDCAN2
USART2
smcard
irDA
USART3
4 channels, ETR as AF
4 channels, ETR as AF
4 channels, ETR as AF
4 channels, ETR as AF
RX, TX, CK, CTS, RTS as AF
RX, TX, CK, CTS, RTS as AF
RX, TX, CTS, RTS as AF
RX, TX, CTS, RTS as AF
MOSI, MISO, SCK, NSS as
AF
SCL, SDA, SMBA as AF
SCL, SDA, SMBA as AF
TX, RX as AF
WWDG
CRS
TIM6 16b
TIM7 16b
UCPD1
CC1, DBCC1, CC2, DBCC2,
FRSCC1, FRSCC2 as AF
LPTIM2
IN1, IN2, CH1, CH2,
ETR as AF
AHB/APB3
Temperature
monitoring
@VBAT
XTAL 32k
RTC
RTC_OUT1, RTC_OUT2,
RTC_REFIN, RTC_TS
TAMP
RTC_OUT[8:1], RTC_IN[8:1]
@VDDA
VREF buffer
VREF+
LPTIM1
IN1, IN2, CH1, CH2,
ETR as AF
SBS
I2C3/SMBUS
SCL, SDA, SMBA as AF
I3C2
SCL, SDA
LPUART1
VDD power
domain
VDDUSB power
domain
VBAT power
domain
VDDA power
domain
RX, TX, CTS,
RTS_DE as AF
@VDDUSB
BKPSRAM
(2 Kbytes)
GTZC1
HSI48
WKUPx (x=1 to 8)
RAMCFG
MOSI, MISO, SCK, NSS as
AF
SPI4
ADC2
@VDDA
DAC1
ITF
DAC1_OUT1
DAC1_OUT2
FDCAN1
TX, RX as AF
EXTI
TIM12
16b
2 channels, ETR as AF
IWDG
HDMI-CEC
smcard
irDA
USART6
RX, TX, CK, CTS, RTS as AF
SPI3/I2S3
MOSI, MISO, SCK, NSS as
AF
DTS
I3C1
SCL, SDA
CEC
AUDIOCLK as AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com