Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H533CEU6XXX Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32H533CEU6XXX
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEU6XXX Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32H533CEU6XXX Datasheet HTML 85Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 86Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 87Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 88Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 89Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 90Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 91Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 92Page - STMicroelectronics STM32H533CEU6XXX Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 231 page
background image
Table 16. Alternate function AF8 to AF15(1)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
LPUART1/S
DMMC1/UA
RT4/5
FDCAN1/2/FMC[NAND16)/
FMC[NORmux)/FMC[NOR_RAM)/
I2C3/I3C2/OCTOSPI
CRS/FMC[NAND1
6)/I3C2/OCTOSPI/
SDMMC1/USB_
FMC[NAND16)/
OCTOSPI/SDM
MC1/USB_PD
FMC[NAND16)/FMC
[NORmux)/FMC[NO
R_RAM)/SDMMC1
DCMI/FMC[NAND16
)/FMC[NORmux)/FM
C[NOR_RAM)
TIM2/UART
5/USART6
SYS
PA0
UART4_TX
FDCAN2_RX
-
-
-
-
TIM2_ETR
EVENTOUT
PA1
UART4_RX
OCTOSPI1_IO3
-
-
-
-
USART6_CK EVENTOUT
PA2
-
-
-
-
-
-
-
EVENTOUT
PA3
-
-
-
-
-
-
-
EVENTOUT
PA4
-
-
-
-
-
DCMI_HSYNC/PSSI
_DE
-EVENTOUT
PA5
-
-
-
-
-
PSSI_D14
TIM2_ETR
EVENTOUT
PA6
-
-
-
-
-
DCMI_PIXCLK/PSSI
_PDCK
-EVENTOUT
PA7
-
-
OCTOSPI1_IO2
-
-
FMC_NWE
-
EVENTOUT
PA8
-
I3C2_SCL
USB_SOF
-
FMC_NOE
DCMI_D3/PSSI_D3
-
EVENTOUT
PA9
-
-
-
-
FMC_NWE
DCMI_D0/PSSI_D0
-
EVENTOUT
PA10
-
FDCAN2_TX
-
-
SDMMC1_D0
DCMI_D1/PSSI_D1
-
EVENTOUT
PA11
-
FDCAN1_RX
USB_DM
-
-
-
-
EVENTOUT
PA12
-
FDCAN1_TX
USB_DP
-
-
-
-
EVENTOUT
PA13
-
-
-
-
-
-
-
EVENTOUT
PA14
-
-
-
-
-
-
-
EVENTOUT
PA15
UART4_RTS
OCTOSPI1_NCS
-
-
FMC_NBL1
DCMI_D11/PSSI_D1
1
TIM2_ETR
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com