Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CFAA-R7 Datasheet(PDF) 41 Page - Nordic Semiconductor

Part # NRF51822-CFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CFAA-R7 Datasheet(HTML) 41 Page - Nordic Semiconductor

Back Button NRF51822-CFAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 45Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 130 page
background image
Page 41
nRF51822 Product Specification v3.3
8.1.2
16 MHz crystal oscillator (16M XOSC)
Table 22 16 MHz crystal oscillator
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
fNOM,X16M
Crystal frequency.
16
MHz
N/A
fTOL,X16M
Frequency tolerance.1
1. The Frequency tolerance relates to the amount of time the radio can be in transmit mode. See
Table 38 on page 52.
±502
2. Includes initial tolerance of the crystal, drift over temperature, aging, and frequency pulling due to incorrect load capac-
itance.
ppm
N/A
fTOL,X16M,BLE
Frequency tolerance, Bluetooth low
energy applications.1
±402
ppm
N/A
RS,X16M
Equivalent series resistance.
C0 ≤ 7 pF, CL,MAX ≤ 16 pF
C0 ≤ 5 pF, CL,MAX ≤ 12 pF
C0 ≤ 3 pF, CL,MAX ≤ 12 pF
50
75
100
100
150
200
Ω
Ω
Ω
N/A
N/A
N/A
PD,X16M
Drive level.
100
μW
N/A
Cpin
Input capacitance on XC1 and XC2
pads.
4
pF
1
IX16M
Run current for 16 MHz crystal
oscillator.
SMD 2520 CL = 8 pF
4703
3. This number includes the current used by the automated power and clock management system.
μA
1
IX16M,1M
Run current for the 16 MHz crystal
oscillator when used only for a Timer
at 1 MHz or less.
SMD 2520 CL = 8pF
2503
μA
1
ISTBY,X16M
Standby current for 16 MHz crystal
oscillator.4
4. Standby current is the current drawn by the oscillator when there are no resources requesting the 16M, meaning there
is no clock management active (see
Table 33 on page 49). This value will depend on type of crystal.
SMD 2520 CL = 8 pF
25
μA
1
ISTART,XOSC
Startup current for 16 MHz crystal
oscillator.
1.1
mA
3
tSTART,XOSC
Startup time for 16 MHz crystal
oscillator.
SMD 2520 CL = 8 pF
400
5005
5. Crystals with other specification than SMD 2520 may have much longer startup times.
μs
2
tSTART,X16M
Total startup time
(tSTART,XOSC + debounce period).
6
6. This is the time from when the crystal oscillator is powered up until its output becomes available to the system. It
includes both the crystal startup time and the debounce period.
SMD 2520 CL = 8 pF
800
μs
1
VINEXTCLK
Input amplitude if driven by external
clock applied to XC1 pin.7
7. Leave XC2 pin unconnected.
800
8
8. Input signal must not swing outside supply rails.
mV pp
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com